Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FK24 Datasheet(PDF) 11 Page - TDK Electronics

Part # FK24
Description  MLCC with Dipped Radial Lead
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FK24 Datasheet(HTML) 11 Page - TDK Electronics

Back Button FK24 Datasheet HTML 3Page - TDK Electronics FK24 Datasheet HTML 4Page - TDK Electronics FK24 Datasheet HTML 5Page - TDK Electronics FK24 Datasheet HTML 6Page - TDK Electronics FK24 Datasheet HTML 7Page - TDK Electronics FK24 Datasheet HTML 8Page - TDK Electronics FK24 Datasheet HTML 9Page - TDK Electronics FK24 Datasheet HTML 10Page - TDK Electronics FK24 Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
(10/10)
003-01 / 20130312 / leadmlcc_commercial_midvoltage_en.fm
• All specifications are subject to change without notice.
PACKAGING STYLES
TAPING DIMENSIONS
FK1 Series
(FK18, FK14, FK16, FK11 Types)
1 Accumulated pitch tolerance shall be ±2mm for 20 pitches.
2 Adhesive tape shall not stick out from carrier tape.
3 The number of consecutive gaps in the product shall be three
or less.
FK2 Series
(FK28, FK24, FK26, FK20, FK22 Types)
1 Accumulated pitch tolerance shall be ±2mm for 20 pitches.
2 Adhesive tape shall not stick out from carrier tape.
3 The number of consecutive gaps in the product shall be three
or less.
PACKAGING QUANTITIES
Symbol
Dimensions (mm)
P
12.7±1.0
P01
12.7±0.3
P1
5.1±0.7
P2
6.35±1.3
W0
12.0±1.0
W1
9.0±0.5
W22
3.0max.
W3
18.0+1.0, –0.5
H0
16.0±0.5
1.0max.
t0.6±0.2
L03
11.0max.
F
2.5+0.5, –0.2
ød
ø0.5+0.1, –0.03
øD
ø4.0±0.2
h0±2
Symbol
Dimensions (mm)
P
12.7±1.0
P01
12.7±0.3
P1
3.85±0.7
P2
6.35±1.3
W0
12.0±1.0
W1
9.0±0.5
W22
3.0max.
W3
18.0+1.0, –0.5
H0
16.0±0.5
1.0max.
t0.6±0.2
L03
11.0max.
F
5.0+0.8, –0.2
ød
ø0.5+0.1, –0.03
øD
ø4.0±0.2
h0±2
P
P2
ød
F
P1
Δh
øD
P
P0
P
P2
F
P1
P
Δh
ød
øD
P0
Type
Quantity
FK28, FK18
FK24, FK14
FK26, FK16
2000 pieces/1box
FK20, FK11
FK22
1500 pieces/1box


Similar Part No. - FK24

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK24 TDK-FK24 Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
logo
Fox Electronics
FK245 FOX-FK245 Datasheet
439Kb / 1P
   HCMOS 2.5V 32.768kHz SMD Oscillator
FK245R FOX-FK245R Datasheet
439Kb / 1P
   HCMOS 2.5V 32.768kHz SMD Oscillator
FK246 FOX-FK246 Datasheet
439Kb / 1P
   HCMOS 2.5V 32.768kHz SMD Oscillator
FK246R FOX-FK246R Datasheet
439Kb / 1P
   HCMOS 2.5V 32.768kHz SMD Oscillator
More results

Similar Description - FK24

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FA14C0G1H223JNU00 TDK-FA14C0G1H223JNU00 Datasheet
136Kb / 2P
   MLCC with Dipped Radial Lead
FA14C0G2A153JRU00 TDK-FA14C0G2A153JRU00 Datasheet
134Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H225KRU00 TDK-FA14X7R1H225KRU00 Datasheet
142Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H334KNU06 TDK-FA14X7R1H334KNU06 Datasheet
146Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7S2A154KRU00 TDK-FA14X7S2A154KRU00 Datasheet
145Kb / 2P
   MLCC with Dipped Radial Lead
FA16C0G1H683JNU06 TDK-FA16C0G1H683JNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A1R5CNU06 TDK-FA18C0G2A1R5CNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A6R8DNU06 TDK-FA18C0G2A6R8DNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A122JNU06 TDK-FA18C0G2A122JNU06 Datasheet
136Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A181JNU00 TDK-FA18C0G2A181JNU00 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A221JNU00 TDK-FA18C0G2A221JNU00 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com