Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCN-364J008-AU Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # FCN-364J008-AU
Description  RECTANGULAR CONNECTORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FCN-364J008-AU Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FCN-364J008-AU Datasheet HTML 7Page - List of Unclassifed Manufacturers FCN-364J008-AU Datasheet HTML 8Page - List of Unclassifed Manufacturers FCN-364J008-AU Datasheet HTML 9Page - List of Unclassifed Manufacturers FCN-364J008-AU Datasheet HTML 10Page - List of Unclassifed Manufacturers FCN-364J008-AU Datasheet HTML 11Page - List of Unclassifed Manufacturers FCN-364J008-AU Datasheet HTML 12Page - List of Unclassifed Manufacturers FCN-364J008-AU Datasheet HTML 13Page - List of Unclassifed Manufacturers FCN-364J008-AU Datasheet HTML 14Page - List of Unclassifed Manufacturers FCN-364J008-AU Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
FCN-360 Series
11
RIGHT-ANGLE TYPE (PLUG)
s DIMENSIONS
Unit: mm (in.)
s MOUTING HOLE LAYOUT
s NOTE
• Note on mounting a right-angle plug on a
board
Mount the connector so that it
projects from the board by at
least 1.5 mm (0.059 in.).
D
C
A
φ2.8 (0.110)
0.71 (0.027)
2.54 (0.10)
3 (0.118)
B
1
Diagonal length
Unit: mm (in.)
Metal fitting
PCB
1.5 mm (0.059 in.)
Plug
s PART NUMBERS AND DIMENSIONS
Number of
contacts
8
16
24
32
40
48
56
64
Part number
FCN-365P008-AU
FCN-365P016-AU
FCN-365P024-AU
FCN-365P032-AU
FCN-365P040-AU
FCN-365P048-AU
FCN-365P056-AU
FCN-365P064-AU
Dimensions: mm (in.)
A
28.84 (1.135)
39.0 (1.535)
49.16 (1.935)
59.32 (2.335)
69.48 (2.735)
79.64 (3.135)
89.8 (3.535)
99.96 (3.935)
B
23.34 (0.918)
33.5 (1.318)
43.66 (1.718)
53.82 (2.118)
63.98 (2.518)
74.14 (2.918)
84.3 (3.318)
94.46 (3.718)
C
17.84 (0.702)
28.0 (1.102)
38.16 (1.502)
48.32 (1.902)
58.48 (2.302)
68.64 (2.702)
78.8 (3.102)
88.96 (3.502)
D
7.62 (0.3)
17.78 (0.7)
27.94 (1.1)
38.1 (1.5)
48.26 (1.9)
58.42 (2.3)
68.58 (2.7)
78.74 (3.1)
[Board]
D
±0.2 (0.0078)
±0.15 (0.005)
φ2.8 (0.110) +0.15(0.005)
–0
hole
B
φ1 (0.039)+0.1(0.0039) hole


Similar Part No. - FCN-364J008-AU

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-364J008-AU FUJITSU-FCN-364J008-AU Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
More results

Similar Description - FCN-364J008-AU

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-360A1 FUJITSU-FCN-360A1 Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-D82 MITSUMI-IAM-D82 Datasheet
97Kb / 4P
   Rectangular Connectors
logo
Fujitsu Component Limit...
FCN-361J024-AU FUJITSU-FCN-361J024-AU Datasheet
1Mb / 33P
   RECTANGULAR CONNECTORS
FCN-360C024-B FUJITSU-FCN-360C024-B Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-F30 MITSUMI-IAM-F30 Datasheet
377Kb / 5P
   Rectangular Connectors
IAM-C26 MITSUMI-IAM-C26 Datasheet
239Kb / 4P
   Rectangular Connectors
logo
Fuji Electric
FCN-364P040-AU FUJI-FCN-364P040-AU Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
List of Unclassifed Man...
105650 ETC2-105650 Datasheet
813Kb / 7P
   EPIC Rectangular Connectors
logo
TE Connectivity Ltd
1-172165-2 TEC-1-172165-2 Datasheet
516Kb / 6P
   Rectangular Power Connectors
logo
Lite-On Technology Corp...
FCN-363J-AUS LITEON-FCN-363J-AUS Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS FCN360 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com