Electronic Components Datasheet Search |
|
IDT54FCT573DTLB Datasheet(PDF) 5 Page - Integrated Device Technology |
|
IDT54FCT573DTLB Datasheet(HTML) 5 Page - Integrated Device Technology |
5 / 8 page IDT54/74FCT373T/AT/CT/DT - 2373T/AT/CT, IDT54/74FCT533T/AT/CT, IDT54/74FCT573T/AT/CT/DT - 2573T/AT/CT FAST CMOS OCTAL TRANSPARENT LATCHES MILITARY AND COMMERCIAL TEMPERATURE RANGES 6.12 5 POWER SUPPLY CHARACTERISTICS NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25 °C ambient. 3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ∆ICC DHNT + ICCD (fCP/2 + fiNi) ICC = Quiescent Current ∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) fi = Input Frequency Ni = Number of Inputs at fi All currents are in milliamps and all frequencies are in megahertz. 2564 tbl 09 Symbol Parameter Test Conditions(1) Min. Typ.(2) Max. Unit ∆ICC Quiescent Power Supply Current TTL Inputs HIGH VCC = Max. VIN = 3.4V(3) — 0.5 2.0 mA ICCD Dynamic Power Supply Current(4) VCC = Max. Outputs Open VIN = VCC VIN = GND FCTxxxT — 0.15 0.25 mA/ MHz OE = GND One Input Toggling 50% Duty Cycle FCT2xxxT — 0.06 0.12 IC Total Power Supply Current(6) VCC = Max. VIN = VCC FCTxxxT — 1.5 3.5 mA Outputs Open fi = 10MHz VIN = GND FCT2xxxT — 0.6 2.2 50% Duty Cycle OE = GND VIN = 3.4 VIN = GND FCTxxxT — 1.8 4.5 LE = VCC One Bit Toggling FCT2xxxT 0.9 3.2 VCC = Max. VIN = VCC FCTxxxT — 3.0 6.0(5) Outputs Open fi = 2.5MHz VIN = GND FCT2xxxT — 1.2 3.4(5) 50% Duty Cycle OE = GND VIN = 3.4 VIN = GND FCTxxxT — 5.0 14.0(5) LE = VCC Eight Bits Toggling FCT2xxxT — 3.2 11.4(5) |
Similar Part No. - IDT54FCT573DTLB |
|
Similar Description - IDT54FCT573DTLB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |