Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4049UBT Datasheet(PDF) 3 Page - Intersil Corporation

Part # CD4049UBT
Description  CMOS Hex Buffer/Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4049UBT Datasheet(HTML) 3 Page - Intersil Corporation

  CD4049UBT Datasheet HTML 1Page - Intersil Corporation CD4049UBT Datasheet HTML 2Page - Intersil Corporation CD4049UBT Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
Die Characteristics
DIE DIMENSIONS:
(1448
µm x 1880µm x 533µm ±25.4µm)
57 x 74 x 21mils
±1mil
METALLIZATION:
Type: Al
Thickness: 12.5k
Å
±1.5kÅ
SUBSTRATE POTENTIAL:
Leave Floating or Tie to VCC
Bond Pad #1 (VCC) First
BACKSIDE FINISH:
Silicon
PASSIVATION:
Type: Phosphorus Doped Silox (SiO2)
Thickness: 13.0k
Å
±2.6kÅ
WORST CASE CURRENT DENSITY:
< 2.0e5 A/cm2
TRANSISTOR COUNT:
12
PROCESS:
Bulk CMOS
Metallization Mask Layout
CD4049UBT
74mils
57mils
CD4049UBT


Similar Part No. - CD4049UBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4049UB TI-CD4049UB Datasheet
77Kb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
logo
Harris Corporation
CD4049UB HARRIS-CD4049UB Datasheet
75Kb / 10P
   CMOS Hex Buffer/Converters
logo
Texas Instruments
CD4049UB TI-CD4049UB Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
CD4049UB TI1-CD4049UB Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
logo
Silicon Supplies
CD4049UB SS-CD4049UB Datasheet
573Kb / 5P
   CMOS High Voltage Logic
More results

Similar Description - CD4049UBT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4050BMS INTERSIL-CD4050BMS Datasheet
81Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
CD4049BMS INTERSIL-CD4049BMS Datasheet
85Kb / 7P
   CMOS Hex Buffer/Converter
logo
Renesas Technology Corp
CD4049UBMS RENESAS-CD4049UBMS Datasheet
414Kb / 11P
   CMOS Hex Buffer/Converter
March 6, 2007
logo
Intersil Corporation
CD4010BMS INTERSIL-CD4010BMS Datasheet
78Kb / 8P
   CMOS Hex Buffer/Converter
November 1994
logo
Texas Instruments
CD4010B-Q1 TI1-CD4010B-Q1 Datasheet
4Mb / 14P
[Old version datasheet]   CMOS HEX BUFFER/CONVERTER
logo
Intersil Corporation
CD4049UBMS INTERSIL-CD4049UBMS_07 Datasheet
313Kb / 11P
   CMOS Hex Buffer/Converter
CD4049UBMS INTERSIL-CD4049UBMS Datasheet
75Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
logo
Renesas Technology Corp
CD4050BMS RENESAS-CD4050BMS Datasheet
327Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
logo
Texas Instruments
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
logo
Intersil Corporation
CD4503BMS INTERSIL-CD4503BMS Datasheet
74Kb / 8P
   CMOS Hex Buffer
December 1992
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com