Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7891BP-2REEL Datasheet(PDF) 5 Page - Analog Devices

Part # AD7891BP-2REEL
Description  LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7891BP-2REEL Datasheet(HTML) 5 Page - Analog Devices

  AD7891BP-2REEL Datasheet HTML 1Page - Analog Devices AD7891BP-2REEL Datasheet HTML 2Page - Analog Devices AD7891BP-2REEL Datasheet HTML 3Page - Analog Devices AD7891BP-2REEL Datasheet HTML 4Page - Analog Devices AD7891BP-2REEL Datasheet HTML 5Page - Analog Devices AD7891BP-2REEL Datasheet HTML 6Page - Analog Devices AD7891BP-2REEL Datasheet HTML 7Page - Analog Devices AD7891BP-2REEL Datasheet HTML 8Page - Analog Devices AD7891BP-2REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD7891
–5–
REV. D
PIN CONFIGURATIONS
PLCC
7
8
9
10
11
12
13
14
15
16
17
6
543
21
44 43 42 41 40
39
38
37
36
35
34
33
32
31
30
29
18 19 20 21 22 23 24 25 26 27 28
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
NC = NO CONNECT
VIN6A
AGND
EOC
NC
CONVST
CS
REF GND
NC
REF OUT/REF IN
VDD
AGND
MODE
DB11/TEST
DB10/TEST
DB9/
TFS
DB8/
RFS
DB7/DATA IN
AD7891
VIN6B
VIN7A
VIN7B
VIN8A
VIN8B
MQFP
VIN6A
AGND
EOC
NC
CONVST
CS
REF GND
NC
REF OUT/REF IN
VDD
AGND
MODE
DB11/TEST
DB10/TEST
DB9/
TFS
DB8/
RFS
DB7/DATA IN
VIN6B
VIN7A
VIN7B
VIN8A
VIN8B
NC = NO CONNECT
44 43 42 41 40 39 38 37 36 35 34
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17 18 19 20 21 22
33
32
31
30
29
28
27
26
25
24
23
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD7891
ORDERING GUIDE
Relative
Temperature
Model
Input Range
Sample Rate Accuracy
Range
Package Option
1
AD7891ACHIPS-1
DIE
AD7891ACHIPS-2
DIE
AD7891AS-1
±5 V or ±10 V
454 kSPS
±1 LSB
–40
∞C to +85∞CS-44
AD7891ASZ-1
2
±5 V or ±10 V
454 kSPS
±1 LSB
–40
∞C to +85∞CS-44
AD7891AP-1
±5 V or ±10 V
454 kSPS
±1 LSB
–40
∞C to +85∞C P-44A
AD7891AP-1REEL
±5 V or ±10 V
454 kSPS
±1 LSB
–40
∞C to +85∞C P-44A
AD7891BS-1
±5 V or ±10 V
454 kSPS
±0.75 LSB –40∞C to +85∞CS-44
AD7891BP-1
±5 V or ±10 V
454 kSPS
±0.75 LSB –40∞C to +85∞C P-44A
AD7891BP-1REEL
±5 V or ±10 V
454 kSPS
±0.75 LSB –40∞C to +85∞C P-44A
AD7891YS-1
±5 V or ±10 V
454 kSPS
±1 LSB
–55
∞C to +105∞CS-44
AD7891YS-1REEL
±5 V or ±10 V
454 kSPS
±1 LSB
–55
∞C to +105∞CS-44
AD7891YP-1
±5 V or ±10 V
454 kSPS
±1 LSB
–55
∞C to +105∞C P-44A
AD7891YP-1REEL
±5 V or ±10 V
454 kSPS
±1 LSB
–55
∞C to +105∞C P-44A
AD7891AS-2
0 V to +5 V, 0 V to +2.5 V,
±2.5 V
500 kSPS
±1 LSB
–40
∞C to +85∞CS-44
AD7891ASZ-2
2
0 V to +5 V, 0 V to +2.5 V,
±2.5 V
500 kSPS
±1 LSB
–40
∞C to +85∞CS-44
AD7891AP-2
0 V to +5 V, 0 V to +2.5 V,
±2.5 V
500 kSPS
±1 LSB
–40
∞C to +85∞C P-44A
AD7891AP-2REEL
0 V to +5 V, 0 V to +2.5 V,
±2.5 V
500 kSPS
±1 LSB
–40
∞C to +85∞C P-44A
AD7891BS-2
0 V to +5 V, 0 V to +2.5 V,
±2.5 V
500 kSPS
±0.75 LSB –40∞C to +85∞CS-44
AD7891BP-2
0 V to +5 V, 0 V to +2.5 V,
±2.5 V
500 kSPS
±0.75 LSB –40∞C to +85∞C P-44A
AD7891BP-2REEL
0 V to +5 V, 0 V to +2.5 V,
±2.5 V
500 kSPS
±0.75 LSB –40∞C to +85∞C P-44A
AD7891YS-2
0 V to +5 V, 0 V to +2.5 V,
±2.5 V
500 kSPS
±1 LSB
–55
∞C to +105∞CS-44
AD7891YS-2REEL
0 V to +5 V, 0 V to +2.5 V,
±2.5 V
500 kSPS
±1 LSB
–55
∞C to +105∞CS-44
EVAL-AD7891-1CB
Evaluation Board
EVAL-AD7891-2CB
Evaluation Board
NOTES
1S = Plastic Quad Flatpack (MQFP); P = Plastic Leaded Chip Carrier (PLCC).
2Z = Pb-free part.


Similar Part No. - AD7891BP-2REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7891BP-2REEL AD-AD7891BP-2REEL Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891BP-2REEL AD-AD7891BP-2REEL Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891BP-2REEL AD-AD7891BP-2REEL Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891BP-2REEL AD-AD7891BP-2REEL Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
More results

Similar Description - AD7891BP-2REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7890 AD-AD7890_15 Datasheet
480Kb / 28P
   LC MOS 8-Channel, 12-Bit Serial Data Acquisition System
REV. C
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
AD7891AP AD-AD7891AP Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891 AD-AD7891_04 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891 AD-AD7891 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891YSZ-2 AD-AD7891YSZ-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7874 AD-AD7874_15 Datasheet
418Kb / 16P
   LC MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com