Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLF1324P2XTY Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FTLF1324P2XTY
Description  4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1324P2XTY Datasheet(HTML) 2 Page - Finisar Corporation.

  FTLF1324P2XTY Datasheet HTML 1Page - Finisar Corporation. FTLF1324P2XTY Datasheet HTML 2Page - Finisar Corporation. FTLF1324P2XTY Datasheet HTML 3Page - Finisar Corporation. FTLF1324P2XTY Datasheet HTML 4Page - Finisar Corporation. FTLF1324P2XTY Datasheet HTML 5Page - Finisar Corporation. FTLF1324P2XTY Datasheet HTML 6Page - Finisar Corporation. FTLF1324P2XTY Datasheet HTML 7Page - Finisar Corporation. FTLF1324P2XTY Datasheet HTML 8Page - Finisar Corporation. FTLF1324P2XTY Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FTLF1324P2xTy Industrial Temp. SFP Product Specification – February 2007
F i n i s a r
© Finisar Corporation February 24, 2007 Rev. H
Page 2
I.
Pin Descriptions
Pin
Symbol
Name/Description
Ref.
1
VEET
Transmitter Ground (Common with Receiver Ground)
1
2
TFAULT
Transmitter Fault. Not supported.
3
TDIS
Transmitter Disable. Laser output disabled on high or open.
2
4
MOD_DEF(2)
Module Definition 2. Data line for Serial ID.
3
5
MOD_DEF(1)
Module Definition 1. Clock line for Serial ID.
3
6
MOD_DEF(0)
Module Definition 0. Grounded within the module.
3
7
Rate Select
Open or Low =
High =
1.063 Gb/s or 2.125 Gb/s Fibre Channel, 1.25 Gb/s
Gigabit Ethernet (Low Bandwidth)
2.125 or 4.25 Gb/s Fibre Channel (High Bandwidth)
4
8
LOS
Loss of Signal indication. Logic 0 indicates normal operation.
5
9
VEER
Receiver Ground (Common with Transmitter Ground)
1
10
VEER
Receiver Ground (Common with Transmitter Ground)
1
11
VEER
Receiver Ground (Common with Transmitter Ground)
1
12
RD-
Receiver Inverted DATA out. AC Coupled
13
RD+
Receiver Non-inverted DATA out. AC Coupled
14
VEER
Receiver Ground (Common with Transmitter Ground)
1
15
VCCR
Receiver Power Supply
16
VCCT
Transmitter Power Supply
17
VEET
Transmitter Ground (Common with Receiver Ground)
1
18
TD+
Transmitter Non-Inverted DATA in. AC Coupled.
19
TD-
Transmitter Inverted DATA in. AC Coupled.
20
VEET
Transmitter Ground (Common with Receiver Ground)
1
Notes:
1.
Circuit ground is internally isolated from chassis ground.
2.
Laser output disabled on TDIS >2.0V or open, enabled on TDIS <0.8V.
3.
Should be pulled up with 4.7k - 10 kohms on host board to a voltage between 2.0V and 3.6V.
MOD_DEF(0) pulls line low to indicate module is plugged in.
4.
For Rate Selectable version only: In accordance with SFF Committee SFF-8079 Draft, Rev.1.6,
Table 3. Note that rate select can also be set through 2-wire bus in accordance with SFF-8472
6 at Bit
3, Byte 110, Address A2h (note: writing ‘1’ selects full bandwidth operation). Rate select is the logic
OR of the input state of Rate Select Pin and 2-wire bus. Non Rate Selectable version can operate at 1x,
2x, 4x Fibre Channel independent of rate select pin setting.
5.
LOS is open collector output. Should be pulled up with 4.7k – 10 kohms on host board to a voltage
between 2.0V and 3.6V. Logic 0 indicates normal operation; logic 1 indicates loss of signal.
VeeT
VeeT
VeeR
VeeR
TD-
TD+
RD+
RD-
VccT
VccR
VeeT
VeeR
TXFault
MOD-DEF(2)
MOD-DEF(1)
MOD-DEF(0)
Rate Select
LOS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Towards
ASIC
Towards
Bezel
TX Disable
VeeR
Pinout of Connector Block on Host Board


Similar Part No. - FTLF1324P2XTY

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1324P2XTY FINISAR-FTLF1324P2XTY Datasheet
757Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2XTY FINISAR-FTLF1324P2XTY Datasheet
757Kb / 1P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
More results

Similar Description - FTLF1324P2XTY

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1324P2TV FINISAR-FTLF1324P2TV Datasheet
757Kb / 1P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2CD FINISAR-FTLF1424P2CD Datasheet
772Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCR FINISAR-FTLF1424P2WCR Datasheet
484Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2XCL FINISAR-FTLF1424P2XCL Datasheet
700Kb / 12P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424WTR FINISAR-FTLF1424WTR Datasheet
482Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCL FINISAR-FTLF1424P2WCL Datasheet
473Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2WTL FINISAR-FTLF1324P2WTL Datasheet
474Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2XTY FINISAR-FTLF1324P2XTY Datasheet
757Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WTR FINISAR-FTLF1424P2WTR Datasheet
762Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1328P2BNV FINISAR-FTLF1328P2BNV Datasheet
718Kb / 10P
   8 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com