Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1203 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1203
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1203 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1203_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1203_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1203_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
PNP Transistors
2SB1203
Typical Characterisitics
fT -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
--0.1
--1.0
3
2
5 7
3
2
5 7
--10
3
2
5 7
2SB1203
VCE= --5V
100
3
2
7
5
1000
3
2
7
5
10
3
2
7
5
3
2
5
100
10
3
7
2
0
1
--
0
.
1
--
5
3
7
2
5
7
5
--100
2SB1203
f=1MHz
VCE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
--1.0
--10
5
7
3
5
7
3
2
Ta= --25°C
25°C
2SB1203
IC / IB=20
75°C
Ta=75
°
C
--25
°
C
--0.1
--0.01 2 3
5
7
5
3
2
7
5 7
--1.0
2 3
5 7 --10
--1000
5
3
2
7
5
3
2
5
3
2
7
--100
--10
--0.1
--0.01 2 3
5
7
5
3
2
7
5 7
--1.0
2 3
5 7
0
1
--
25
°C
2SB1203
IC / IB=20
A S O
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta -- °C
PC -- Ta
0
24
20
16
12
8
4
1
20
0
6
0
40
80
100
140
120
160
2SB1203
10ms
1.0
10
5
7
2
3
5
7
2
3
5
7
2
2
3
0.1
0.01
10
1.0
2
5
3
7
2
5
3
7
0.1
2
5
3
7
100
DC
operation
Ta=25
°C
ICP
1ms
IC
2SB1203
100ms
No heat sink
Ideal
heat
dissipation
Tc=25°C
Single pulse
For PNP, the minus sign is omitted.


Similar Part No. - 2SB1203_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results

Similar Description - 2SB1203_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com