Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX3812M341 Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FTLX3812M341
Description  Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX3812M341 Datasheet(HTML) 2 Page - Finisar Corporation.

  FTLX3812M341 Datasheet HTML 1Page - Finisar Corporation. FTLX3812M341 Datasheet HTML 2Page - Finisar Corporation. FTLX3812M341 Datasheet HTML 3Page - Finisar Corporation. FTLX3812M341 Datasheet HTML 4Page - Finisar Corporation. FTLX3812M341 Datasheet HTML 5Page - Finisar Corporation. FTLX3812M341 Datasheet HTML 6Page - Finisar Corporation. FTLX3812M341 Datasheet HTML 7Page - Finisar Corporation. FTLX3812M341 Datasheet HTML 8Page - Finisar Corporation. FTLX3812M341 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FTLX3812M3xx Amplified DWDM XFP Product Specification – January 2011
F i n i s a r
© Finisar Corporation 11-January-2011
Rev C1
Page 2
Channel #
Product Code
Frequency (THz)
Center Wavelength (nm)
17*
FTLX3812M317
191.7
1563.86
18*
FTLX3812M318
191.8
1563.05
19*
FTLX3812M319
191.9
1562.23
20
FTLX3812M320
192.0
1561.42
21
FTLX3812M321
192.1
1560.61
22
FTLX3812M322
192.2
1559.79
23
FTLX3812M323
192.3
1558.98
24
FTLX3812M324
192.4
1558.17
25
FTLX3812M325
192.5
1557.36
26
FTLX3812M326
192.6
1556.55
27
FTLX3812M327
192.7
1555.75
28
FTLX3812M328
192.8
1554.94
29
FTLX3812M329
192.9
1554.13
30
FTLX3812M330
193.0
1553.33
31
FTLX3812M331
193.1
1552.52
32
FTLX3812M332
193.2
1551.72
33
FTLX3812M333
193.3
1550.92
34
FTLX3812M334
193.4
1550.12
35
FTLX3812M335
193.5
1549.32
36
FTLX3812M336
193.6
1548.51
37
FTLX3812M337
193.7
1547.72
38
FTLX3812M338
193.8
1546.92
39
FTLX3812M339
193.9
1546.12
40
FTLX3812M340
194.0
1545.32
41
FTLX3812M341
194.1
1544.53
42
FTLX3812M342
194.2
1543.73
43
FTLX3812M343
194.3
1542.94
44
FTLX3812M344
194.4
1542.14
45
FTLX3812M345
194.5
1541.35
46
FTLX3812M346
194.6
1540.56
47
FTLX3812M347
194.7
1539.77
48
FTLX3812M348
194.8
1538.98
49
FTLX3812M349
194.9
1538.19
50
FTLX3812M350
195.0
1537.40
51
FTLX3812M351
195.1
1536.61
52
FTLX3812M352
195.2
1535.82
53
FTLX3812M353
195.3
1535.04
54
FTLX3812M354
195.4
1534.25
55
FTLX3812M355
195.5
1533.47
56
FTLX3812M356
195.6
1532.68
57
FTLX3812M357
195.7
1531.90
58
FTLX3812M358
195.8
1531.12
59
FTLX3812M359
195.9
1530.33
60
FTLX3812M360
196.0
1529.55
61*
FTLX3812M361
196.1
1528.77
*This channel is supported with limited availability -- Please contact Finisar for further details.


Similar Part No. - FTLX3812M341

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3812M341 FINISAR-FTLX3812M341 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
More results

Similar Description - FTLX3812M341

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M3 FINISAR-FTLX3815M3 Datasheet
698Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M317 FINISAR-FTLX3815M317 Datasheet
934Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3813M3 FINISAR-FTLX3813M3 Datasheet
561Kb / 13P
   Multiprotocol, 80km, 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
FTRX-3812S317 FINISAR-FTRX-3812S317 Datasheet
292Kb / 12P
   SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTLX3812S317 FINISAR-FTLX3812S317 Datasheet
298Kb / 12P
   RoHS-6 Compliant SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTLX1413M3BCL FINISAR-FTLX1413M3BCL Datasheet
624Kb / 11P
   10Gb/s, 10km XFP Optical Transceiver
FTRX-1811-3 FINISAR-FTRX-1811-3 Datasheet
457Kb / 11P
   10Gb/s 80km XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com