Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX3813M342 Datasheet(PDF) 10 Page - Finisar Corporation.

Part # FTLX3813M342
Description  Multiprotocol, 80km, 10Gb/s DWDM XFP Optical Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX3813M342 Datasheet(HTML) 10 Page - Finisar Corporation.

Back Button FTLX3813M342 Datasheet HTML 5Page - Finisar Corporation. FTLX3813M342 Datasheet HTML 6Page - Finisar Corporation. FTLX3813M342 Datasheet HTML 7Page - Finisar Corporation. FTLX3813M342 Datasheet HTML 8Page - Finisar Corporation. FTLX3813M342 Datasheet HTML 9Page - Finisar Corporation. FTLX3813M342 Datasheet HTML 10Page - Finisar Corporation. FTLX3813M342 Datasheet HTML 11Page - Finisar Corporation. FTLX3813M342 Datasheet HTML 12Page - Finisar Corporation. FTLX3813M342 Datasheet HTML 13Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FTLX
© Fini
8.5G
To op
117, B
By de
opera
IX.
Finis
Sourc
X3813M3xx DW
isar Corporatio
Register 7
power-cy
default Rx
The thresh
+127), wi
adjustmen
value.
b/s Fibre-C
perate the FT
Bit 0 must b
EEPROM
EEPROM
o
(It
efault, a pow
ation with th
Mechanic
ar’s XFP tra
cing Agreem
WDM XFP Pro
on 19-March-2
76d, table 01
cled, the reg
x Threshold
hold adjustm
ith 0 corresp
nt provides a
Channel rate
TLX3813M3
be set as follo
M Byte 117, B
M Byte 117, B
t is also poss
wer cycling t
he CDRs acti
cal Specific
ansceivers ar
ment (MSA).
XF
oduct Specifica
2013
1h is a volati
gister starts u
value.
ment input va
ponding to de
at least a ±10
e select:
3xx at 8.5Gb
ows;
Bit 0, value
Bit 0 value “
sible to bypa
the transceiv
ive.
ations
re compliant
FP Transceive
ation – March 2
Rev. D1
ile memory.
up with a val
alue is 2’s co
efault Rx thr
0% change in
b/s Fibre-Ch
“1” for 8GF
“0” for 10Gb
ass the CDRs
ver will retur
with the dim
er (dimensions
2013
Therefore if
lue of 00h w
omplement 7
reshold valu
n Rx thresho
hannel, the E
FC:
b/s rates:
s with, Byte
rn the transce
mensions de
s are in mm)
F
f the transce
which corresp
7 bit value (-
e. Full range
old from the
EEPROM-Ta
111, Bit 0.)
eiver to norm
fined by the
F i n i s a
Page 1
iver is
ponds to the
-128 to
e of
e default
able 0, Byte
)
mal 10Gb/s
XFP Multi-
r
10
-


Similar Part No. - FTLX3813M342

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M318 FINISAR-FTLX3811M318 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M318 FINISAR-FTLX3811M318 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
More results

Similar Description - FTLX3813M342

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3815M3 FINISAR-FTLX3815M3 Datasheet
698Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M317 FINISAR-FTLX3815M317 Datasheet
934Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-1811-3 FINISAR-FTRX-1811-3 Datasheet
457Kb / 11P
   10Gb/s 80km XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com