Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX3611M353 Datasheet(PDF) 7 Page - Finisar Corporation.

Part # FTLX3611M353
Description  RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX3611M353 Datasheet(HTML) 7 Page - Finisar Corporation.

Back Button FTLX3611M353 Datasheet HTML 3Page - Finisar Corporation. FTLX3611M353 Datasheet HTML 4Page - Finisar Corporation. FTLX3611M353 Datasheet HTML 5Page - Finisar Corporation. FTLX3611M353 Datasheet HTML 6Page - Finisar Corporation. FTLX3611M353 Datasheet HTML 7Page - Finisar Corporation. FTLX3611M353 Datasheet HTML 8Page - Finisar Corporation. FTLX3611M353 Datasheet HTML 9Page - Finisar Corporation. FTLX3611M353 Datasheet HTML 10Page - Finisar Corporation. FTLX3611M353 Datasheet HTML 11Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FTLX3611M3 DWDM XFP Product Specification – January 2011
F i n i s a r
© Finisar Corporation 11-January-2011
Rev C1
Page 7
V.
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Bit Rate
BR
9.95
11.1
Gb/s
1
Bit Error Ratio
BER
10
-12
2
Max. Supported Link Length
LMAX
40
km
1
Notes:
1.
SONET OC-192 IR-2, 10GBASE-ER/EW, SONET OC-192 with FEC, 10GBASE-ER/EW with FEC
2.
Tested with a 2
31 – 1 PRBS
VI.
Environmental Specifications
Finisar XFP transceivers have an operating temperature range from -5°C to +70°C case
temperature.
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
-5
70
°C
Storage Temperature
Tsto
-40
85
°C
VII.
Regulatory Compliance
Finisar XFP transceivers are Class 1 Laser Products. They are certified per the following
standards:
Feature
Agency
Standard
Certificate
Number
Laser Eye
Safety
FDA/CDRH
CDRH 21 CFR 1040 and Laser Notice 50
9210176-77
Laser Eye
Safety
TÜV
EN 60825-1: 2007, EN60825-2:2004+A1
IEC 60825-1: 2007 (2
nd Edition)
IEC 60825-2: 2010 (3
rd Edition)
72101686
Electrical
Safety
TÜV
EN 60950:2006+A11
72101686
Electrical
Safety
UL/CSA
CLASS 3862.07
CLASS 3862.87
2283290
Copies of the referenced certificates are available at Finisar Corporation upon request.


Similar Part No. - FTLX3611M353

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3611M353 FINISAR-FTLX3611M353 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
More results

Similar Description - FTLX3611M353

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX1611M3 FINISAR-FTLX1611M3 Datasheet
192Kb / 12P
   RoHS-6 Compliant 10Gb/s 40km Multi-Rate XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX1612M3BCL FINISAR-FTLX1612M3BCL Datasheet
183Kb / 12P
   RoHS-6 Compliant 40km Multi-Rate XFP Optical Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTRX1811M3 FINISAR-FTRX1811M3 Datasheet
184Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX1811M3 FINISAR-FTLX1811M3 Datasheet
190Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX3812S317 FINISAR-FTLX3812S317 Datasheet
298Kb / 12P
   RoHS-6 Compliant SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com