Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX3813M358 Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTLX3813M358
Description  Multiprotocol, 80km, 10Gb/s DWDM XFP Optical Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX3813M358 Datasheet(HTML) 1 Page - Finisar Corporation.

  FTLX3813M358 Datasheet HTML 1Page - Finisar Corporation. FTLX3813M358 Datasheet HTML 2Page - Finisar Corporation. FTLX3813M358 Datasheet HTML 3Page - Finisar Corporation. FTLX3813M358 Datasheet HTML 4Page - Finisar Corporation. FTLX3813M358 Datasheet HTML 5Page - Finisar Corporation. FTLX3813M358 Datasheet HTML 6Page - Finisar Corporation. FTLX3813M358 Datasheet HTML 7Page - Finisar Corporation. FTLX3813M358 Datasheet HTML 8Page - Finisar Corporation. FTLX3813M358 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
F
© Fini
Mu
PROD
• S
• H
• T
tr
• R
• 1
• D
• P
• B
• T
• P
v
Finisar’s
current X
multiple
maximum
recovery
Ethernet,
via a 2-w
and lead
PROD
i n i s
isar Corporatio
ltiprotoc
DUCT FEA
upports 8.5G
Hot-pluggabl
Temperature-
ransmitter
RoHS-6 Com
00GHz ITU
Duplex LC co
ower dissipa
Built-in digita
Temperature
oint-to-Poin
ersions
FTLX3813
XFP Multi-S
protocols
m link length
for 8G Fibr
, and OTN/F
wire serial in
free per Dir
DUCT SE
s a r
on 19-March-2
col, 80km
ATURES
Gb/s to 11.32
le XFP footp
-stabilized D
mpliant (lead-
Grid, C-Ban
onnector
ation <3.5W
al diagnostic
range: 0°C t
nt & OSNR o
3M3xx Sma
Source Agre
for point-to
h of 80km. T
re Channel,
FEC protoco
nterface, as
ective 2002/
ELECTIO
2013
Product
m, 10Gb/s
FTLX
2Gb/s
print
DWDM EML
-free)
nd
W
c functions
to 70°C
optimized
all Form Fa
eement (MS
o-point and
This multi-ra
10G Fibre
ols up to 11
specified in
/95/EC
3, and
ON
FTL
Rev. D1
t Specifica
s DWDM
X3813M3
L
APPL
• IT
SO
• IE
• 10
LC
• IT
IE
actor 10Gb/s
SA) Specific
d amplified
ate, DWDM
Channel, 10
.32Gb/s. Di
the XFP M
d Finisar App
LX3813M
xx: 100GHz
ation
M XFP Op
3xx
LICATIONS
TU G.698.1, D
ONET/SDH
EEE 10GBASE
0GFC (SM-12
C-L), and 10G
TU G.709, OT
EEE OTU1e a
s (XFP) tra
cation, INF-
10Gb/s D
XFP transce
0G CPRI, 10
igital diagno
MSA. The tra
plication No
M3xx
z ITU chann
ptical Tr
S
DW100S-2Dx
E-ZR based D
200-LL-L), 8
G CPRI
TN/FEC appli
and OTU2e
ansceiver co
-8077i (rev
DWDM appl
eiver suppor
0Gb/s SONE
ostics functio
ansceiver is
ote AN-2038
nel number
Page
ransceive
x, 10Gb/s DW
DWDM Ether
8GFC (SM-80
ications includ
omplies with
4.5). It sup
lications w
rts clock and
ET/SDH, 10
ons are avai
RoHS comp
8
4.
e 1
r
WDM
rnet
00-
ding
h the
pports
ith a
d data
0Gb/s
ilable
pliant


Similar Part No. - FTLX3813M358

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M318 FINISAR-FTLX3811M318 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M318 FINISAR-FTLX3811M318 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
More results

Similar Description - FTLX3813M358

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3815M3 FINISAR-FTLX3815M3 Datasheet
698Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M317 FINISAR-FTLX3815M317 Datasheet
934Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-1811-3 FINISAR-FTRX-1811-3 Datasheet
457Kb / 11P
   10Gb/s 80km XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com