Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM7038F-102 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SCM7038F-102
Description  SMD COMMON MODE CHOKE COILS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SCM7038F-102 Datasheet(HTML) 1 Page - Frontier Electronics.

  SCM7038F-102 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCM7038F Series –SMD COMMON MODE CHOKE COILS
Rev. A
A. Electrical Specifications:
P/N
Impedance @100MHz
(Ω)
DCR
Max.
(m
Ω)
Rated
Current
Max.(A)
Rated
Voltage
(Vdc)
Insulation
Resistance Min. (M
Ω)
@125Vdc
Min.
Typ.
SCM7038F-301_
225
300
10
5
80
10
SCM7038F-501_
300
500
13
4
80
10
SCM7038F-701_
500
700
15
4
80
10
SCM7038F-102_
800
1020
17
3
80
10
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
i
SCM7038F
7.5
(0.295)
6.5
(0.256)
3.8
(0.150)
1.7
(0.067)
1.5
(0.059)
6.9
(0.272)
2.5
(0.098)
4.5
(0.177)
1.5
(0.059)
Tol.
Max.
Max.
Max.
±0.2
(0.008)
Typ.
Typ.
Typ.
Typ.
Typ.
C. Schematic:
D. General Information:
1.
SCM7038F-xxx_, “SCM7038F” = P/N, “xxx” = Impedance, “_” = Tolerance.
2.
Tolerance “_” : M: ± 20%
3.
Impedance measured with HP4291B RF Impedance Analyzer
4.
DCR measured using the 16502 milliohm meter.
5.
Operating temperature: -40
°C to +105ºC (Including self temp. rise).
6.
Storage temperature: -40
°C to +105ºC
7.
Impedance and Current Range: From 300 Ohms (5000 mA) to 1020 Ohms (3000 mA)
8.
Unspecified values available on request.
9.
MSL: Level 1.
E. Applications:
1.
Use for power line noise suppression for any electronic devices.
2.
Use to counter adapter/battery line noise for relatively large electronic devices such as Notebook PCs, Stand-alone
Word Processors, etc.
Frontier Electronics Corp.
®
Page 1 of 1
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - SCM7038F-102

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SCM CDE-SCM Datasheet
525Kb / 3P
   Single/Dual IGBT Snubber Capacitor Modules
logo
AVX Corporation
SCM AVX-SCM Datasheet
831Kb / 12P
   Series-Connected SuperCapacitor Modules
logo
Banner Engineering Corp...
SCM BANNER-SCM Datasheet
126Kb / 2P
   LED Diffused On-Axis Lights (75 mm)
logo
Rohm
SCM-013RT ROHM-SCM-013RT Datasheet
191Kb / 1P
   Infrared Light Emitting Diodes Top View Type
SCM-013RTT86 ROHM-SCM-013RTT86 Datasheet
191Kb / 1P
   Infrared Light Emitting Diodes Top View Type
More results

Similar Description - SCM7038F-102

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SCM2012FH-I FRONTIER-SCM2012FH-I_15 Datasheet
222Kb / 2P
   SMD COMMON MODE CHOKE COILS
logo
KOA Speer Electronics, ...
SLF0905T KOA-SLF0905T Datasheet
83Kb / 1P
   common mode choke coils
logo
Sumida Corporation
CBM6068 SUMIDA-CBM6068 Datasheet
252Kb / 1P
   Common Mode Choke Coils
NFC56D80 SUMIDA-NFC56D80 Datasheet
184Kb / 1P
   Common Mode Choke Coils
logo
List of Unclassifed Man...
TCM2010 ETC1-TCM2010 Datasheet
42Kb / 1P
   Common Mode Choke Coils for Signal Line SMD
logo
Sumida Corporation
CSLF4D17 SUMIDA-CSLF4D17 Datasheet
193Kb / 2P
   Common Mode Choke Coils
logo
TDK Electronics
ZJYS51R5-2P TDK-ZJYS51R5-2P Datasheet
87Kb / 4P
   Common Mode Choke Coils for Signal Line SMD
logo
Sumida Corporation
CSLF4D25 SUMIDA-CSLF4D25 Datasheet
98Kb / 2P
   Common Mode Choke Coils
CSLF137 SUMIDA-CSLF137 Datasheet
115Kb / 1P
   Common Mode Choke Coils
logo
Central Technologies
CTF2012S CT-CTF2012S Datasheet
159Kb / 1P
   Common Mode Choke Coils - Radial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com