Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF160808-82N Datasheet(PDF) 2 Page - Frontier Electronics.

Part # TF160808-82N
Description  SMD MULTILAYER CERAMIC CHIP INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

TF160808-82N Datasheet(HTML) 2 Page - Frontier Electronics.

  TF160808-82N Datasheet HTML 1Page - Frontier Electronics. TF160808-82N Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TF160808 (0603) Series
SMD MULTILAYER CERAMIC CHIP INDUCTORS
Rev. A
C. Part Number Key:
D. General Information:
1. TF160808 -xxx_, “TF160808” = Type, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: M: ± 20%, K: ± 10%, J: ± 5%, H: ±3%, G: ± 2%, S: ±0.3nH, C: ± 0.2nH, D: ± 0.1nH.
3. The product’s materials: Ceramic.
4. Excellent solder ability and high heat resistance for either flow or reflow soldering.
5. Monolithic structures for highly reliable surface mount applications.
6. Superior Q characteristics guaranteed over the wide frequency and allow high frequency application.
7. The completely monolithic structure gives high reliability and allows high SRF.
8. Both flow and IR re-flow application are possible.
9. Operating temperature: -40
°C to +125ºC
10. Maximum Temperature Rise: 15°C (when measured at 25°C ambient).
11. Unspecified values available on request.
12. Inductance and Current range: From 1.0nH (1000mA) to 390.0nH (150mA)
13. SRF: From 350 MHz to 10,000 MHz
14. MSL: Level 1.
E. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
-
_
TF
16
08
08
XXX -
TOLERANCE
INDUCTANCE
DIMENSIONS:
LENGTH (a) x WIDTH (b) x THICKNESS (c)
FAMILY: TF
Frontier Electronics Corp.
®
Page 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - TF160808-82N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
TF160808-82NJ FRONTIER-TF160808-82NJ Datasheet
34Kb / 1P
   Multi-layers Chip Inductors
TF160808-82NK FRONTIER-TF160808-82NK Datasheet
34Kb / 1P
   Multi-layers Chip Inductors
More results

Similar Description - TF160808-82N

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LSCQ LEIDITECH-LSCQ Datasheet
7Mb / 13P
   SMD Ceramic Multilayer Chip Inductors
logo
Frontier Electronics.
TF060303 FRONTIER-TF060303 Datasheet
144Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF100505 FRONTIER-TF100505_15 Datasheet
125Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
logo
List of Unclassifed Man...
CHQ ETC2-CHQ Datasheet
446Kb / 7P
   SMD Ceramic Multilayer Chip Inductors
CLH ETC2-CLH Datasheet
1Mb / 25P
   SMD Ceramic Multilayer Chip Inductors
logo
Shanghai Leiditech Elec...
LMH LEIDITECH-LMH Datasheet
6Mb / 22P
   SMD Ceramic Multilayer Chip Inductors
logo
RFE international
SCLH RFE-SCLH Datasheet
1Mb / 14P
   SMD Ceramic Multilayer Chip Inductors
23-OCT-2023
logo
Sumida Corporation
SCI-B1608-10N SUMIDA-SCI-B1608-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0805 ABRACON-AIMC-0805 Datasheet
59Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
AIMC-0603 ABRACON-AIMC-0603 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.01.11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com