Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TI201209G800 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # TI201209G800
Description  SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

TI201209G800 Datasheet(HTML) 2 Page - Frontier Electronics.

  TI201209G800 Datasheet HTML 1Page - Frontier Electronics. TI201209G800 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TI201209 (0805) Series
SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
Rev. A
D. Materials:
ITEM
UNIT
Material Code
L
B
G
U
Z
Initial Permeability (µiac):
----
25
45
110
200
500
Maximum Permeability (µm):
----
125
125
250
450
900
Saturation Flux Density at 10 Oe:
Gauss
2000
2000
1700
1400
1500
Curie Temperature(Tc):
°C
>200
>200
>130
>100
>130
Volume Resistivity (
ρ):
Ω-m
100000
100000
100000
100000
100000
Temperature Coefficient:
1/10000°C
10
10
13
5
12
Density:
g/cm³
4.8
4.8
4.8
4.8
4.8
E. Impedance Characteristics of Materials:
a.
Z Material is for applications whose blocking regions are near 100 MHz.
b.
L Material, an improvement of B Material has sharp impedance characteristic at high frequency.
c.
G Material is for application whose signal frequency is far from the cut off region. Suitable for application requires low
insertion loss at high frequency.
d.
Different materials are available for different application range.
e.
With one material, higher impedance has sharper characteristics.
f.
Please confirm the signal wave form to choose suitable products.
F. General Information:
1.
TI201209-yxxx, “TI” = Type, “20” = Length, “12” = Width, “09” = Thickness, “y” = Material, “xxx”= Impedance.
2.
Tolerance: ±25%
3.
Small and lightweight surface mounting type
4.
High-density packaging with a pitch of 2.54 mm (0.1 inch) max. is possible. This series requires less space and
have greater EMI suppression effects.
5.
Excellent in physical properties, such as terminal strength, flexure strength, soldering resistance and solder-ability.
6.
Applicable to both flow and IR reflow soldering.
7.
High impedance covers wide frequency ranges.
8.
TI series can be used in high current circuits due to its low DC resistance.
9.
Operating temperature: -40
°C to +125ºC
10. Impedance and Current range: From 5
Ω (2200 mA) to 1000 Ω (1000 mA)
11. Unspecified values available on request.
12. MSL: Level 1.
G. Applications:
1.
Game Consoles
2.
Set Top Boxes
3.
Cables Modems
4.
Computers
5.
Mobile Communication Devices (Cell Phones, Radios, etc.)
Frontier Electronics Corp.
®
Page 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - TI201209G800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TI220 ETC2-TI220 Datasheet
3Mb / 2P
   Easily capture, store, and share thermal images and video
Rev. 06/22 A
TI222 ETC2-TI222 Datasheet
3Mb / 2P
   Easily capture, store, and share thermal images and video
Rev. 06/22 A
TI290 ETC-TI290 Datasheet
7Mb / 2P
   Over 49,000 pixels to troubleshoot hot and cold spots
Rev. 02/23 A
More results

Similar Description - TI201209G800

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
TI322513 FRONTIER-TI322513 Datasheet
122Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI321611 FRONTIER-TI321611 Datasheet
127Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI451616 FRONTIER-TI451616 Datasheet
120Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI100505 FRONTIER-TI100505 Datasheet
121Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI160808 FRONTIER-TI160808 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
logo
List of Unclassifed Man...
PMH1206-601 ETC2-PMH1206-601 Datasheet
37Kb / 1P
   Multilayer High-Current Ferrite Chip Beads
logo
Frontier Electronics.
FB100505 FRONTIER-FB100505 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB201209 FRONTIER-FB201209 Datasheet
130Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB160808 FRONTIER-FB160808 Datasheet
137Kb / 3P
   SMD MULTILAYER FERRITE CHIP BEADS
FB321611 FRONTIER-FB321611 Datasheet
129Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com