Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TI321611U260 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # TI321611U260
Description  SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

TI321611U260 Datasheet(HTML) 1 Page - Frontier Electronics.

  TI321611U260 Datasheet HTML 1Page - Frontier Electronics. TI321611U260 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TI321611 (1206) Series
SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
Rev. A
A. Electrical Specifications:
P/N
Impedance (
Ω) ±25% @100MHz
DCR Max.(
Ω)
I rms. Max. (A)
TI321611B190
19
0.015
6.0
TI321611G310
31
0.030
4.0
TI321611G600
60
0.030
4.0
TI321611G800
80
0.030
4.0
TI321611G101
100
0.030
3.0
TI321611G601
600
0.200
2.0
TI321611U260
26
0.010
6.0
TI321611U310
31
0.010
6.0
TI321611U500
50
0.025
3.0
TI321611U600
60
0.040
3.0
TI321611U750
75
0.040
3.0
TI321611U800
80
0.040
3.0
TI321611U101
100
0.040
3.0
TI321611U121
120
0.040
3.0
TI321611U151
150
0.050
3.0
TI321611U221
220
0.050
3.0
TI321611U301
300
0.050
3.0
TI321611U391
390
0.070
2.5
TI321611U501
500
0.060
3.0
TI321611U601
600
0.060
3.0
TI321611U102
1000
0.200
2.0
TI321611Z260
26
0.010
6.0
TI321611Z500
50
0.030
3.0
TI321611Z600
60
0.030
3.0
TI321611Z121
120
0.050
3.0
TI321611Z301
300
0.050
3.0
TI321611Z501
500
0.060
3.0
TI321611Z601
600
0.080
3.0
Note: TI321611yxxx, “TI” = Type, “32” = Length, “16” = Width, “11” = Thickness, “y” = Material, “xxx” = Impedance.
B. Part Number Key:
C. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
TI321611(1206)
3.2
(0.126)
1.6
(0.063)
1.1
(0.043)
0.5
(0.020)
4.40
(0.173)
1.80
(0.071)
1.20
(0.047)
Tol.
± 0.2
(0.008 )
± 0.2
(0.008 )
± 0.2
(0.008 )
± 0.3
(0.012 )
Typ.
Typ.
Typ.
TI
32
11
16
Y
XXX
IMPEDANCE VALUE
MATERIAL CODE: L, U, Z, B or G
DIMENSIONS:
LENGTH (a) x WIDTH (b) x THICKNESS (c)
FAMILY: TI
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - TI321611U260

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
TI322513 FRONTIER-TI322513 Datasheet
122Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI322513U151 FRONTIER-TI322513U151 Datasheet
122Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI322513U300 FRONTIER-TI322513U300 Datasheet
122Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI322513U520 FRONTIER-TI322513U520 Datasheet
122Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI322513U600 FRONTIER-TI322513U600 Datasheet
122Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
More results

Similar Description - TI321611U260

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
TI201209 FRONTIER-TI201209 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI322513 FRONTIER-TI322513 Datasheet
122Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI451616 FRONTIER-TI451616 Datasheet
120Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI100505 FRONTIER-TI100505 Datasheet
121Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI160808 FRONTIER-TI160808 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
logo
List of Unclassifed Man...
PMH1206-601 ETC2-PMH1206-601 Datasheet
37Kb / 1P
   Multilayer High-Current Ferrite Chip Beads
logo
Frontier Electronics.
FB100505 FRONTIER-FB100505 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB201209 FRONTIER-FB201209 Datasheet
130Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB160808 FRONTIER-FB160808 Datasheet
137Kb / 3P
   SMD MULTILAYER FERRITE CHIP BEADS
FB321611 FRONTIER-FB321611 Datasheet
129Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com