Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA828 Datasheet(PDF) 3 Page - NEC

Part # UPA828
Description  HIGH-FREQUENCY LOW-NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5184 THIN-TYPE SMALL MINI MOLD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA828 Datasheet(HTML) 3 Page - NEC

  UPA828 Datasheet HTML 1Page - NEC UPA828 Datasheet HTML 2Page - NEC UPA828 Datasheet HTML 3Page - NEC UPA828 Datasheet HTML 4Page - NEC UPA828 Datasheet HTML 5Page - NEC UPA828 Datasheet HTML 6Page - NEC UPA828 Datasheet HTML 7Page - NEC UPA828 Datasheet HTML 8Page - NEC UPA828 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PPPPPA828TF
3
TYPICAL CHARACTERISTICS (TA = 25
qqqqC)
Total Power Dissipation vs. Ambient Temperature
Collector Current vs. DC Base Voltage
200
100
0
50
100
150
90 mW
Ambient Temperature TA (˚C)
50
40
30
20
10
0
0.5
1.0
VCE = 2 V
DC Base Voltage VBE (V)
Collector Current vs. Collector to Emitter Voltage
DC Current Gain vs. Collector Current
25
20
15
10
5
0
1.0
2.0
3.0
200 A
180 A
160 A
140 A
120 A
100 A
80 A
60 A
40 A
IB = 20 A
Collector to Emitter Voltage VCE (V)
180 mW
2 Elements in Total
Per Element
Collector Current IC (mA)
500
200
100
10
20
50
VCE = 2 V
VCE = 1 V
1
2
5
10
20
50
100
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ


Similar Part No. - UPA828

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA828TD RENESAS-UPA828TD Datasheet
303Kb / 10P
   NPN SILICON RF TWIN TRANSISTOR
2008
logo
NEC
UPA828TF NEC-UPA828TF Datasheet
46Kb / 7P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA828TF-T1 NEC-UPA828TF-T1 Datasheet
46Kb / 7P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA828TF NEC-UPA828TF_99 Datasheet
46Kb / 7P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
More results

Similar Description - UPA828

ManufacturerPart #DatasheetDescription
logo
NEC
UPA812T NEC-UPA812T Datasheet
50Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD
UPA811T NEC-UPA811T Datasheet
49Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4228 SMALL MINI MOLD
UPA802T NEC-UPA802T Datasheet
53Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA800T NEC-UPA800T Datasheet
51Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA813T NEC-UPA813T Datasheet
53Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4570 SMALL MINI MOLD
UPA806T NEC-UPA806T Datasheet
49Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA809T NEC-UPA809T Datasheet
66Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPC805T NEC-UPC805T Datasheet
57Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA833TF NEC-UPA833TF Datasheet
74Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
UPA832TF NEC-UPA832TF Datasheet
65Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com