Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4515BMS Datasheet(PDF) 8 Page - Intersil Corporation

Part # CD4515BMS
Description  CMOS 4-Bit Latch/4-to-16 Line Decoders
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4515BMS Datasheet(HTML) 8 Page - Intersil Corporation

  CD4515BMS Datasheet HTML 1Page - Intersil Corporation CD4515BMS Datasheet HTML 2Page - Intersil Corporation CD4515BMS Datasheet HTML 3Page - Intersil Corporation CD4515BMS Datasheet HTML 4Page - Intersil Corporation CD4515BMS Datasheet HTML 5Page - Intersil Corporation CD4515BMS Datasheet HTML 6Page - Intersil Corporation CD4515BMS Datasheet HTML 7Page - Intersil Corporation CD4515BMS Datasheet HTML 8Page - Intersil Corporation CD4515BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
7-1195
CD4514BMS, CD4515BMS
FIGURE 8. TYPICAL LOW-TO-HIGH TRANSITION TIME vs
LOAD CAPACITANCE
FIGURE 9. TYPICAL STROBE OR DATA PROPAGATION
DELAY TIME vs SUPPLY VOLTAGE
10. TYPICAL POWER DISSIPATION vs FREQUENCY
Typical Performance Characteristics (Continued)
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
40
60
80
100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
SUPPLY VOLTAGE (VDD) = 5V
LOAD CAPACITANCE (CL) (pF)
010
15
20
25
5
0
100
200
300
400
500
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) = 50pF
10V
5V
10V
8
6
4
28
6
4
22
FREQUENCY (f) (kHz)
1102
103
104
8
6
4
28
6
4
104
103
102
10
105
CL = 15pF
CL = 50pF
101
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE
(VDD) = 15V
106
Waveforms
FIGURE 11. WAVEFORMS FOR SETUP TIME AND STROBE
PULSE WIDTH
tW
tS
DATA
STROBE
50%
50%
tr, tf = 20ns


Similar Part No. - CD4515BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4515BM TI-CD4515BM Datasheet
222Kb / 12P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
National Semiconductor ...
CD4515BM NSC-CD4515BM Datasheet
135Kb / 6P
   4-Bit Latched/4-to-16 Line Decoders
logo
Texas Instruments
CD4515BM TI1-CD4515BM Datasheet
995Kb / 15P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
CD4515BM TI-CD4515BM Datasheet
978Kb / 15P
[Old version datasheet]   CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4515BM TI1-CD4515BM Datasheet
1Mb / 15P
[Old version datasheet]   Cmos 4-Bit Latch/4-to-16 Line Decoders
More results

Similar Description - CD4515BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS_06 Datasheet
340Kb / 9P
   CMOS 4-Bit Latch/4-to-16 Line Decoders
logo
Texas Instruments
CD4514B TI1-CD4514B_16 Datasheet
1Mb / 15P
[Old version datasheet]   Cmos 4-Bit Latch/4-to-16 Line Decoders
CD4514BM96G4 TI-CD4514BM96G4 Datasheet
978Kb / 15P
[Old version datasheet]   CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4514BM96G4 TI1-CD4514BM96G4 Datasheet
995Kb / 15P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
CD4514B TI-CD4514B Datasheet
222Kb / 12P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
List of Unclassifed Man...
SCL4515B ETC1-SCL4515B Datasheet
2Mb / 3P
   CMOS 4-TO-16 LINE DECODERS WITH LATCH
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC_04 Datasheet
235Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
logo
National Semiconductor ...
CD4514BM NSC-CD4514BM Datasheet
135Kb / 6P
   4-Bit Latched/4-to-16 Line Decoders
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC Datasheet
84Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
logo
Hitachi Semiconductor
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
   4-bit Latch/4-to-16-Line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com