Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWG28-25-G-300 Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AWG28-25-G-300
Description  Flat Ribbon Cable - 25 Conductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AWG28-25-G-300 Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AWG28-25-G-300 Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
No.28AWG 7x0.127 Thinned Stranded Copper Conductor
P1
0.90 0.1
+-
30.75±0.30
1.27mm(.050”)
P
Polarity mark
31.75
Electrical & Physical Characteristics:
• Voltage Rating: 300V
• Temperature Rating: 105°C
• Dielectric Strength: 2. OKV 60Hz 1 Minute
• Conductor Resistance: 237/KM Max.
• Insulation Resistance: 100M /M Min. @500V DC
• Tensile Strength Before Aging: 1,500PSI
• Tensile Strength After Aging: 70% Min. (136°C*168H)
• Elongation Before Aging: 100% Min.
• Elongation After Aging: 65% Min. (136°C*168H)
• Deformation Test 50% Max. (121°C*1H)
• Cold Bend Test: -10°C*4H No Cracking
• Horizontal Flame Test: VW-1
• UL File No. E189529
• UL Style: 2651-VW-1
Unit: MM
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.01.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AWG28-25/G/300
Flat Ribbon Cable - 25 Conductors,
1.27MM Pitch, 300 Feet-13” Reel, Grey
Complaint
RoHS
rev00


Similar Part No. - AWG28-25-G-300

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWG28-25-G-1-300-R ASSMANN-AWG28-25-G-1-300-R Datasheet
1Mb / 1P
   GREY RIBBON CABLE
More results

Similar Description - AWG28-25-G-300

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWG28-25-F-300 ASSMANN-AWG28-25-F-300 Datasheet
48Kb / 1P
   Flat Ribbon Cable - 25 Conductors
AWG28-24-F-300 ASSMANN-AWG28-24-F-300 Datasheet
48Kb / 1P
   Flat Ribbon Cable - 24 Conductors,
AWG28-16-F-300 ASSMANN-AWG28-16-F-300 Datasheet
48Kb / 1P
   Flat Ribbon Cable - 16 Conductors
AWG28-16-G-300 ASSMANN-AWG28-16-G-300 Datasheet
48Kb / 1P
   Flat Ribbon Cable - 16 Conductors,
AWG28-30-F-300 ASSMANN-AWG28-30-F-300 Datasheet
48Kb / 1P
   Flat Ribbon Cable - 30 Conductors
AWG28-30-G-300 ASSMANN-AWG28-30-G-300 Datasheet
48Kb / 1P
   Flat Ribbon Cable - 30 Conductors
AWG28-14-G-300 ASSMANN-AWG28-14-G-300 Datasheet
48Kb / 1P
   Flat Ribbon Cable - 14 Conductors,
AWG28-26-G-300 ASSMANN-AWG28-26-G-300 Datasheet
48Kb / 1P
   Flat Ribbon Cable - 26 Conductors,
AWG28-40-F-300 ASSMANN-AWG28-40-F-300 Datasheet
48Kb / 1P
   Flat Ribbon Cable - 40 Conductors,
AWG28-34-F-300 ASSMANN-AWG28-34-F-300 Datasheet
48Kb / 1P
   Flat Ribbon Cable - 34 Conductors,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com