Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4520 Datasheet(PDF) 9 Page - Intersil Corporation

Part # CD4520
Description  CMOS Dual Up Counters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4520 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CD4520 Datasheet HTML 2Page - Intersil Corporation CD4520 Datasheet HTML 3Page - Intersil Corporation CD4520 Datasheet HTML 4Page - Intersil Corporation CD4520 Datasheet HTML 5Page - Intersil Corporation CD4520 Datasheet HTML 6Page - Intersil Corporation CD4520 Datasheet HTML 7Page - Intersil Corporation CD4520 Datasheet HTML 8Page - Intersil Corporation CD4520 Datasheet HTML 9Page - Intersil Corporation CD4520 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
7-1214
CD4518BMS, CD4520BMS
FIGURE 13. RIPPLE CASCADING OF FOUR COUNTERS WITH POSITIVE EDGE TRIGGERING
* For synchronous cascading, the clock transition time should be made less than or equal to the sum of the fixed propagation delay at 15pF
and the transition time of the output driver stage for the estimated capacitive load.
FIGURE 14. SYNCHRONOUS CASCADING OF FOUR BINARY COUNTERS WITH NEGATIVE EDGE TRIGGERING
456
Q1A
Q2A
Q3A
Q4A
RESET
2
CLOCK ENABLE
3
A
A
A
7
1
VDD
12
13
14
Q1B
Q2B
Q3B
Q4B
RESET
10
CLOCK ENABLE
11
B
B
B
15
9
456
Q1A
Q2A
Q3A
Q4A
RESET
2
CLOCK ENABLE
3
A
A
A
7
1
12
13
14
Q1B
Q2B
Q3B
Q4B
RESET
10
CLOCK ENABLE
11
B
B
B
15
9
CD4518BMS/20BMS
CD4518BMS/20BMS
CLOCK
INPUT
456
Q1A
Q2A
Q3A
Q4A
RESET
2
CLOCK ENABLE
3
A
A
A
3
1
12
13
14
Q1B
Q2B
Q3B
Q4B
RESET
10
CLOCK ENABLE
11
B
B
B
15
9
456
Q1A
Q2A
Q3A
Q4A
RESET
2
CLOCK ENABLE
3
A
A
A
3
1
12
13
14
Q1B
Q2B
Q3B
Q4B
RESET
10
CLOCK ENABLE
11
B
B
B
15
9
CD4520BMS
CD4520BMS
CLOCK
*
INPUT
CD4012A
CD4071
CD4071
CD4520BMS
CD4012A
CD4012A


Similar Part No. - CD4520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4520 TI-CD4520 Datasheet
248Kb / 13P
[Old version datasheet]   CMOS DUAL UP-COUNTERS
logo
List of Unclassifed Man...
CD4520 ETC2-CD4520 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
CD4520B TI-CD4520B Datasheet
248Kb / 13P
[Old version datasheet]   CMOS DUAL UP-COUNTERS
CD4520B TI-CD4520B Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Up-Counters
CD4520B TI1-CD4520B Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Up-Counters
More results

Similar Description - CD4520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4518B TI1-CD4518B_16 Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Up-Counters
logo
List of Unclassifed Man...
SCL4520B ETC1-SCL4520B Datasheet
198Kb / 3P
   CMOS DUAL UP COUNTERS
logo
Texas Instruments
CD4520BPWG4 TI-CD4520BPWG4 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Up-Counters
CD4518B TI-CD4518B Datasheet
248Kb / 13P
[Old version datasheet]   CMOS DUAL UP-COUNTERS
logo
Micro Electronics
MMC4518 MICRO-ELECTRONICS-MMC4518 Datasheet
204Kb / 6P
   DUAL UP-COUNTERS
logo
Motorola, Inc
MC14518-520B MOTOROLA-MC14518-520B Datasheet
203Kb / 7P
   DUAL UP COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B Datasheet
174Kb / 8P
   Dual Up Counters
March, 2000 ??Rev. 3
MC14518B ONSEMI-MC14518B_06 Datasheet
112Kb / 9P
   Dual Up Counters
January, 2006 ??Rev. 5
logo
STMicroelectronics
HCC4518B STMICROELECTRONICS-HCC4518B Datasheet
315Kb / 14P
   DUAL UP-COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B_14 Datasheet
107Kb / 7P
   Dual Up Counters
July, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com