Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG642 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG642
Description  Low On-Resistance Wideband/Video Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG642 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG642 Datasheet HTML 1Page - Vishay Siliconix DG642 Datasheet HTML 2Page - Vishay Siliconix DG642 Datasheet HTML 3Page - Vishay Siliconix DG642 Datasheet HTML 4Page - Vishay Siliconix DG642 Datasheet HTML 5Page - Vishay Siliconix DG642 Datasheet HTML 6Page - Vishay Siliconix DG642 Datasheet HTML 7Page - Vishay Siliconix DG642 Datasheet HTML 8Page - Vishay Siliconix DG642 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Document Number: 70058
S11-0154-Rev. F, 31-Jan-11
www.vishay.com
3
Vishay Siliconix
DG641, DG642, DG643
Notes:
a. Room = 25 °C, Full = as determined by the operating temperature suffix.
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Guaranteed by design, not subject to production test.
e. VIN = input voltage to perform proper function.
SPECIFICATIONS (for DG641 and DG643)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 3 V
VINH = 2.4 V, VINL = 0.8 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VANALOG
V- = - 5 V, V+ = 12 V
Full
- 5
8
V
V- = GND V, V+ = 12 V
Full
0
8
Drain-Source On-Resistance
RDS(on)
IS = - 10 mA, VD = 0 V
Room
Full
815
20
RDS(on) Match
R
DS(on)
Room
1
2
Source Off Leakage Current
IS(off)
VS = 0 V, VD = 10 V
Room
Full
- 10
- 100
- 0.02
10
100
nA
Drain Off Leakage Current
ID(off)
VS = 10 V, VD = 0 V
Room
Full
- 10
- 100
- 0.02
10
100
Channel On Leakage Current
ID(on)
VS = VD = 0 V
Room
Full
- 10
- 100
- 0.1
10
100
Digital Control
Input Voltage High
VINH
Full
2.4
V
Input Voltage Low
VINL
Full
0.8
Input Current
IIN
VIN = GND or V+
Room
Full
- 1
- 20
0.05
1
20
µA
Dynamic Characteristics
On State Input Capacitanced
CS(on)
VS = VD = 0 V
Room
10
20
pF
Off State Output Capacitanced
CS(off)
VS = 0 V
Room
4
12
Off State Input Capacitanced
CD(off)
VD = 0 V
Room
4
12
Bandwidth
BW
RL = 50 see figure 6
Room
500
MHz
Turn On Time
tON
RL = 1 kCL = 35 pF
see figure 2
Room
Full
50
70
140
ns
Turn Off Time
tOFF
Room
Full
28
50
85
Charge Injection
Q
CL = 1000 pF, VD = 0 V
see figure 3
Room
- 19
pC
Off Isolation
OIRR
RIN = 75 RL = 75 
f = 5 MHz, see figure 4
Room
- 60
dB
All Hostie Crosstalk
XTALK
RIN = 10 , RL = 75 
f = 5 MHz, see figure 5
Room
- 87
Power Supplies
Positive Supply Current
I+
VIN = 0 V or VIN = 5 V
Room
Full
3.5
6
9
mA
Negative Supply Current
I-
Room
Full
- 6
- 9
- 3


Similar Part No. - DG642

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG642 VISHAY-DG642 Datasheet
103Kb / 10P
   Low On-Resistance Wideband/Video Switches
Rev. E, 06-Sep-99
DG642 VISHAY-DG642 Datasheet
321Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
DG642 VISHAY-DG642 Datasheet
260Kb / 17P
   Low On-Resistance Wideband/Video Switches
08-Feb-17
DG642DJ VISHAY-DG642DJ Datasheet
103Kb / 10P
   Low On-Resistance Wideband/Video Switches
Rev. E, 06-Sep-99
DG642DJ VISHAY-DG642DJ Datasheet
321Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
More results

Similar Description - DG642

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG641 VISHAY-DG641_11 Datasheet
321Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
DG641 VISHAY-DG641 Datasheet
103Kb / 10P
   Low On-Resistance Wideband/Video Switches
Rev. E, 06-Sep-99
DG641 VISHAY-DG641_V01 Datasheet
260Kb / 17P
   Low On-Resistance Wideband/Video Switches
08-Feb-17
logo
Integrated Device Techn...
IDTVS330 IDT-IDTVS330 Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
logo
Pericom Semiconductor C...
PI5V332 PERICOM-PI5V332 Datasheet
405Kb / 7P
   Low On-Resistance Wideband/Video Quad with Individual Control
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
   Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI5V330 PERICOM-PI5V330_13 Datasheet
863Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330SWE PERICOM-PI5V330SWE Datasheet
839Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com