Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA832TF-T1 Datasheet(PDF) 1 Page - NEC

Part # UPA832TF-T1
Description  NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA832TF-T1 Datasheet(HTML) 1 Page - NEC

  UPA832TF-T1 Datasheet HTML 1Page - NEC UPA832TF-T1 Datasheet HTML 2Page - NEC UPA832TF-T1 Datasheet HTML 3Page - NEC UPA832TF-T1 Datasheet HTML 4Page - NEC UPA832TF-T1 Datasheet HTML 5Page - NEC UPA832TF-T1 Datasheet HTML 6Page - NEC UPA832TF-T1 Datasheet HTML 7Page - NEC UPA832TF-T1 Datasheet HTML 8Page - NEC UPA832TF-T1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Silicon Transistor
µµµµPA832TF
NPN SILICON EPITAXIAL TRANSISTOR (WITH 2 DIFFERENT ELEMENTS)
IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
PRELIMINARY DATA SHEET
Document No. P12724EJ1V0DS00 (1st edition)
Date Published August 1997 N
Printed in Japan
1997
©
DESCRIPTION
PACKAGE DRAWINGS (Unit:mm)
The
µPA832TF has two different built-in transistors (Q1
and Q2) for low noise amplification in the VHF band to UHF
band.
FEATURES
• Low noise
Q1 : NF = 1.2 dB TYP. @f = 1 GHz, VCE = 3 V, IC = 7 mA
Q2 : NF = 1.5 dB TYP. @f = 2 GHz, VCE = 3 V, IC = 3 mA
• High gain
Q1 :
|S21e|2 = 9.0 dB TYP. @f = 1 GHz, VCE = 3 V, IC = 7 mA
Q2 :
|S21e|2 = 8.5 dB TYP. @f = 2 GHz, VCE = 3 V, IC = 10 mA
• 6-pin thin-type small mini mold package
• 2 different transistors on-chip (2SC4226, 2SC4959)
ON-CHIP TRANSISTORS
Q1
Q2
3-pin small mini mold part No.
2SC4226
2SC4959
The
µPA835TF features the Q1 and Q2 in inverted positions.
ORDERING INFORMATION
PART NUMBER
QUANTITY
PACKING STYLE
µPA832TF
Loose products
(50 pcs)
µPA832TF-T1
Taping products
(3 kpcs/reel)
Caution is required concerning excess input, such as from static electricity, because the high-frequency
process is used for this device.
8-mm wide embossed tape.
Pin 6 (Q1 Base), pin 5 (Q2
Emitter), and pin 4 (Q2 Base)
face perforated side of tape.
2.10±0.1
1.25±0.1
B1
Q1
Q2
6
5
4
3
2
1
E2
B2
C1
E1
C2
1. Collector (Q1)
2. Emitter (Q1)
3. Collector (Q2)
PIN CONNECTIONS
4. Base (Q2)
5. Emitter (Q2)
6. Base (Q1)
PIN CONFIGURATION (Top View)
The information in this document is subject to change without notice.


Similar Part No. - UPA832TF-T1

ManufacturerPart #DatasheetDescription
logo
NEC
UPA832TF-T1 NEC-UPA832TF-T1 Datasheet
58Kb / 9P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
More results

Similar Description - UPA832TF-T1

ManufacturerPart #DatasheetDescription
logo
NEC
UPA833TF NEC-UPA833TF Datasheet
74Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
UPA834TF NEC-UPA834TF Datasheet
68Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
UPA831TC NEC-UPA831TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA835TC NEC-UPA835TC Datasheet
71Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA840TC NEC-UPA840TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA803T NEC-UPA803T Datasheet
60Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA843TC NEC-UPA843TC Datasheet
76Kb / 7P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
logo
California Eastern Labs
UPA863TD CEL-UPA863TD Datasheet
726Kb / 27P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN LEAD-LESS MINIMOLD
logo
NEC
UPA828TF NEC-UPA828TF Datasheet
92Kb / 20P
   HIGH-FREQUENCY LOW-NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5184 THIN-TYPE SMALL MINI MOLD
UPA806T NEC-UPA806T Datasheet
49Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com