Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX6811MCC-XX Datasheet(PDF) 9 Page - Finisar Corporation.

Part # FTLX6811MCC-XX
Description  1600 ps/nm (80km) Tunable XFP Optical Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX6811MCC-XX Datasheet(HTML) 9 Page - Finisar Corporation.

Back Button FTLX6811MCC-XX Datasheet HTML 5Page - Finisar Corporation. FTLX6811MCC-XX Datasheet HTML 6Page - Finisar Corporation. FTLX6811MCC-XX Datasheet HTML 7Page - Finisar Corporation. FTLX6811MCC-XX Datasheet HTML 8Page - Finisar Corporation. FTLX6811MCC-XX Datasheet HTML 9Page - Finisar Corporation. FTLX6811MCC-XX Datasheet HTML 10Page - Finisar Corporation. FTLX6811MCC-XX Datasheet HTML 11Page - Finisar Corporation. FTLX6811MCC-XX Datasheet HTML 12Page - Finisar Corporation. FTLX6811MCC-XX Datasheet HTML 13Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
FTLX6811MCC and FTLX6814MCC T-XFP Product Specification – July 2011
F i n i s a r
© Finisar Corporation 2011
1117598 Rev A03
Page 9
• Register 76d, table 01h is a volatile memory. Therefore if the transceiver is
power-cycled, the register starts up with a value of 00h which corresponds to the
default Rx Threshold value.
• The threshold adjustment input value is 2’s complement 7 bit value (-128 to
+127), with 0 corresponding to default Rx threshold value. Full range of
adjustment provides at least a ±10% change in Rx threshold from the default
value.
An increase in RxDTV value sets the threshold closer to the “1” value of the eye.
The Default setting is the factory tuned optimized set point and is not necessarily
the 50% RxDTV value.
SBS suppression, dither tone
Set Address 111, bit 1 to “0” to enable tone, “1” to disable dither tone (defaults:
frequency = 40kHz , tone is disabled). Please contact your Finisar RSM or PLM if
specific amplitudes and frequencies are needed for SBS suppression.
Tuning Management Interface for ITU Frequency Grid Applications
Implementation of wavelength or frequency tuning is indicated in Serial ID Byte 221
(Table 01h) bit 1.
Data Address
Bit
Description
221 (Table 01h)
1
Wavelength or frequency tunability implemented
The Finisar tunable XFP supports both wavelength and frequency tuning (as specified in
INF-8077i), the wavelength tuning support is indicated by the transceiver description
encoded in Serial ID Byte 138 bits 2 and 3.
Address
Bit
Description of transceiver
138
3
Tunable DWDM (selection by channel number, bytes 112-113)
138
2
Tunable DWDM (selection in 50 pm steps, bytes 72-73)
138
1-0
Reserved


Similar Part No. - FTLX6811MCC-XX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6811MCC-XX FINISAR-FTLX6811MCC-XX Datasheet
359Kb / 16P
   1600 ps/nm (80km) Tunable XFP Optical Transceiver
More results

Similar Description - FTLX6811MCC-XX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6814MCC FINISAR-FTLX6814MCC Datasheet
359Kb / 16P
   1600 ps/nm (80km) Tunable XFP Optical Transceiver
FTLX6824MCC FINISAR-FTLX6824MCC Datasheet
416Kb / 18P
   1600 ps/nm (80km) Gen2 Tunable XFP Optical Transceiver
FTLX6824MNC FINISAR-FTLX6824MNC Datasheet
414Kb / 17P
   1600 ps/nm (80km) E-temp Tunable XFP Optical Transceiver
FTLX6825MCC FINISAR-FTLX6825MCC Datasheet
414Kb / 17P
   1600 ps/nm (80km) High Optical Output Power Tunable XFP Optical Transceiver
FTLX6614MCC FINISAR-FTLX6614MCC Datasheet
354Kb / 16P
   800 ps/nm (40km) Tunable XFP Optical Transceiver
FTLX6611MCC FINISAR-FTLX6611MCC Datasheet
354Kb / 16P
   800 ps/nm (40km) Tunable XFP Optical Transceiver
FTLX6624MCC-XX FINISAR-FTLX6624MCC-XX Datasheet
435Kb / 17P
   /-800 ps/nm (40km) Gen2 Tunable XFP Optical Transceiver
FTLX4213X3XXXX FINISAR-FTLX4213X3XXXX Datasheet
622Kb / 14P
   3200 ps/nm (~200km) DWDM XFP Optical Transceiver
FTLX4213M3BCL FINISAR-FTLX4213M3BCL Datasheet
564Kb / 11P
   2400 ps/nm (~120km) TDM XFP Optical Transceiver
logo
Optoway Technology Inc
XPS-2380MWG OPTOWAY-XPS-2380MWG_09 Datasheet
242Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com