Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX6814MCC-XX Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FTLX6814MCC-XX
Description  1600 ps/nm (80km) Tunable XFP Optical Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX6814MCC-XX Datasheet(HTML) 5 Page - Finisar Corporation.

  FTLX6814MCC-XX Datasheet HTML 1Page - Finisar Corporation. FTLX6814MCC-XX Datasheet HTML 2Page - Finisar Corporation. FTLX6814MCC-XX Datasheet HTML 3Page - Finisar Corporation. FTLX6814MCC-XX Datasheet HTML 4Page - Finisar Corporation. FTLX6814MCC-XX Datasheet HTML 5Page - Finisar Corporation. FTLX6814MCC-XX Datasheet HTML 6Page - Finisar Corporation. FTLX6814MCC-XX Datasheet HTML 7Page - Finisar Corporation. FTLX6814MCC-XX Datasheet HTML 8Page - Finisar Corporation. FTLX6814MCC-XX Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FTLX6811MCC and FTLX6814MCC T-XFP Product Specification – July 2011
F i n i s a r
© Finisar Corporation 2011
1117598 Rev A03
Page 5
IV.
Optical Characteristics (EOL, TOP = -5 to 70°C, VCC5 = 4.75 to 5.25 Volts)
Transmitter
FLTX6811MCC
FLTX6814MCC
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Ref
Output Opt. Pwr: 9/125 SMF
POUT
-1
+3.0
-1
+3.0
dBm
Optical Extinction Ratio
ER
8.2
9.5
10
11
dB
Wavelength range (ITU Grid)
Λ
1528.77
1563.86 1528.77
1563.86
nm
Crossing Ratio
40
60
40
60
%
Center Wavelength Spacing
50
50
GHz
1
Transmitter Center
Wavelength – End Of Life
Λc
λc -2.5
λc
λc +2.5
λc -2.5
λc
λc +2.5
GHz
2
Side Mode Suppression Ratio
SMSR
35
35
dB
Wavelength tuning (Cold
Start)
30
30
s
Wavelength tuning (Warm)
0.5
2
0.5
2
s
Tx Jitter (SONET) 20kHz-
80MHz
Txj1
0.3
0.3
UI
3
Tx Jitter (SONET) 4MHz –
80MHz
Txj2
0.1
0.1
UI
4
Relative Intensity Noise
RIN
-135
-135
dB/Hz
SBS threshold (1% of launch
power reflected) – Dither On
+16
+16
dBm
Receiver
Overload
PMAX
-6
-6
dBm
Optical Center Wavelength
λC
1270
1615
1270
1615
nm
Receiver Reflectance
Rrx
-27
-27
dB
LOS De-Assert
LOSD
-30
-30
dBm
LOS Assert
LOSA
-37
-37
dBm
LOS Hysteresis
0.5
0.5
dB
FTLX6811MCC
Receiver Sensitivity
5
Data rate
(Gb/s)
BER
Dispersion (ps/nm)
Sensitivity back-to-back
at OSNR>30dB
(dBm)
Dispersion Penalty
at OSNR>30dB
(dB)
Threshold
Adjust
Required
9.95
1e-12
-300 to 1450
-23
2
No
10.3
1e-12
-300 to 1450
-23
2.5
No
10.7
1e-4
-300 to 1300
-27
3
Yes
11.1
1e-4
-300 to 1300
-27
3
Yes
OSNR
Performance
6
Data rate
(Gb/s)
BER
Dispersion (ps/nm)
Min OSNR Back-to-
back at Power:
-18dBm to -7dBm (dB)
Max OSNR Penalty
at Power:
-18 to -7dBm (dB)
Threshold
Adjust
Required
9.95
1e-12
-300 to 1450
24
4
Yes
10.3
1e-12
-300 to 1450
24
4
Yes
10.7
1e-4
-300 to 1300
16
4
Yes
11.1
1e-4
-300 to 1300
16
4
Yes


Similar Part No. - FTLX6814MCC-XX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6814MCC-XX FINISAR-FTLX6814MCC-XX Datasheet
359Kb / 16P
   1600 ps/nm (80km) Tunable XFP Optical Transceiver
More results

Similar Description - FTLX6814MCC-XX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6814MCC FINISAR-FTLX6814MCC Datasheet
359Kb / 16P
   1600 ps/nm (80km) Tunable XFP Optical Transceiver
FTLX6824MCC FINISAR-FTLX6824MCC Datasheet
416Kb / 18P
   1600 ps/nm (80km) Gen2 Tunable XFP Optical Transceiver
FTLX6824MNC FINISAR-FTLX6824MNC Datasheet
414Kb / 17P
   1600 ps/nm (80km) E-temp Tunable XFP Optical Transceiver
FTLX6825MCC FINISAR-FTLX6825MCC Datasheet
414Kb / 17P
   1600 ps/nm (80km) High Optical Output Power Tunable XFP Optical Transceiver
FTLX6614MCC FINISAR-FTLX6614MCC Datasheet
354Kb / 16P
   800 ps/nm (40km) Tunable XFP Optical Transceiver
FTLX6611MCC FINISAR-FTLX6611MCC Datasheet
354Kb / 16P
   800 ps/nm (40km) Tunable XFP Optical Transceiver
FTLX6624MCC-XX FINISAR-FTLX6624MCC-XX Datasheet
435Kb / 17P
   /-800 ps/nm (40km) Gen2 Tunable XFP Optical Transceiver
FTLX4213X3XXXX FINISAR-FTLX4213X3XXXX Datasheet
622Kb / 14P
   3200 ps/nm (~200km) DWDM XFP Optical Transceiver
FTLX4213M3BCL FINISAR-FTLX4213M3BCL Datasheet
564Kb / 11P
   2400 ps/nm (~120km) TDM XFP Optical Transceiver
logo
Optoway Technology Inc
XPS-2380MWG OPTOWAY-XPS-2380MWG_09 Datasheet
242Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com