Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9B92G Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT9B92G
Description  RAM Mapping 40x4 LCD Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B92G Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT9B92G Datasheet HTML 1Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 2Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 3Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 4Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 5Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 6Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 7Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 8Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Rev. 1.00
3
April 18, 2014
HT9B92G
Pad Assignment
25
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
1
2
3
4
5
6
7
8
9
32 31 30
29
28
27
26
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
X
Y
ALIGN_A
ALIGN_B
66
Pad Dimensions
Item
Number.
Size
Unit
X
Y
Chip size
2402
1100
μm
Chip thickness
508
μm
Pad pitch
1~9, 30~66
60
μm
24~29
80
μm
11~22
85
μm
Bump size
Output pad
2~9
67
47
μm
31~66
47
67
μm
Input pad
13~20
74
74
μm
Dummy pad
11, 12, 21, 22
74
74
μm
1, 24~30
47
67
μm
Bump height
All pad
18±3
μm
Alignment mark Dimensions
Item
Number
Size
Unit
ALIGN_A
10
20mm
(X, Y)
40mm
10mm
10mm
20mm
40mm
μm
ALIGN_B
23
20mm
(X, Y)
40mm
20mm 20mm 20mm
10mm
10mm
μm


Similar Part No. - HT9B92G

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9B92 HOLTEK-HT9B92 Datasheet
1Mb / 25P
   RAM Mapping 36횞4 LCD Driver
More results

Similar Description - HT9B92G

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16L21V110 HOLTEK-HT16L21V110 Datasheet
2Mb / 32P
   RAM Mapping 32횞4 LCD Driver
HT9B92 HOLTEK-HT9B92 Datasheet
1Mb / 25P
   RAM Mapping 36횞4 LCD Driver
HT1628 HOLTEK-HT1628 Datasheet
1Mb / 17P
   RAM Mapping 116횞2 LCD Driver
HT1629G HOLTEK-HT1629G Datasheet
2Mb / 23P
   240횞2 RAM Mapping LCD Driver
HT16L21 HOLTEK-HT16L21 Datasheet
1Mb / 36P
   RAM Mapping 32x4 LCD Driver
HT9B95 HOLTEK-HT9B95 Datasheet
1Mb / 32P
   RAM Mapping 39횞8 / 43횞4 LCD Driver
HT16C22 HOLTEK-HT16C22 Datasheet
407Kb / 30P
   RAM Mapping 44*4 LCD Controller Driver
HT16L23 HOLTEK-HT16L23 Datasheet
2Mb / 43P
   RAM Mapping 52*4 / 48*8 LCD Driver
HT16C23 HOLTEK-HT16C23 Datasheet
2Mb / 35P
   RAM Mapping 56*4 / 52*8 LCD Driver Controller
HT16C21 HOLTEK-HT16C21 Datasheet
3Mb / 34P
   RAM Mapping 20*4 / 16*8 LCD Driver Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com