Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7934 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7934
Description  4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7934 Datasheet(HTML) 5 Page - Analog Devices

  AD7934_15 Datasheet HTML 1Page - Analog Devices AD7934_15 Datasheet HTML 2Page - Analog Devices AD7934_15 Datasheet HTML 3Page - Analog Devices AD7934_15 Datasheet HTML 4Page - Analog Devices AD7934_15 Datasheet HTML 5Page - Analog Devices AD7934_15 Datasheet HTML 6Page - Analog Devices AD7934_15 Datasheet HTML 7Page - Analog Devices AD7934_15 Datasheet HTML 8Page - Analog Devices AD7934_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD7933/AD7934
Rev. B | Page 5 of 32
AD7934 SPECIFICATIONS
VDD = VDRIVE = 2.7 V to 5.25 V, internal/external VREF = 2.5 V, unless otherwise noted. fCLKIN = 25.5 MHz, fSAMPLE = 1.5 MSPS;
TA = TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Value1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 50 kHz sine wave
Signal-to-Noise + Distortion (SINAD)2
70
dB min
Differential mode
68
dB min
Single-ended mode
Signal-to-Noise Ratio (SNR)2
71
dB min
Differential mode
69
dB min
Single-ended mode
Total Harmonic Distortion (THD)2
−73
dB max
−85 dB typ, differential mode
−70
dB max
−80 dB typ, single-ended mode
Peak Harmonic or Spurious Noise (SFDR)2
−73
dB max
−82 dB typ
Intermodulation Distortion (IMD)2
fa = 30 kHz, fb = 50 kHz
Second-Order Terms
−86
dB typ
Third-Order Terms
−90
dB typ
Channel-to-Channel Isolation
−85
dB typ
fIN = 50 kHz, fNOISE = 300 kHz
Aperture Delay2
5
ns typ
Aperture Jitter2
72
ps typ
Full Power Bandwidth2
50
MHz typ
@ 3 dB
10
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity2
±1
LSB max
Differential mode
±1.5
LSB max
Single-ended mode
Differential Nonlinearity 2
Differential Mode
±0.95
LSB max
Guaranteed no missed codes to 12 bits
Single-Ended Mode
−0.95/+1.5
LSB max
Guaranteed no missed codes to 12 bits
Single-Ended and Pseudo Differential Input
Straight binary output coding
Offset Error2
±6
LSB max
Offset Error Match2
±1
LSB max
Gain Error2
±3
LSB max
Gain Error Match2
±1
LSB max
Twos complement output coding
Fully Differential Input
Positive Gain Error2
±3
LSB max
Positive Gain Error Match2
±1
LSB max
Zero-Code Error2
±6
LSB max
Zero-Code Error Match2
±1
LSB max
Negative Gain Error2
±3
LSB max
Negative Gain Error Match2
±1
LSB max
ANALOG INPUT
Single-Ended Input Range
0 to VREF
V
RANGE bit = 0
0 to 2 × VREF
V
RANGE bit = 1
Pseudo Differential Input Range
VIN+
0 to VREF
V
RANGE bit = 0
0 to 2 × VREF
V
RANGE bit = 1
VIN−
−0.3 to +0.7
V typ
VDD = 3 V
−0.3 to +1.8
V typ
VDD = 5 V
Fully Differential Input Range3
VIN+ and VIN−
VCM ± VREF/2
V
VCM = VREF/2, RANGE bit = 0
VIN+ and VIN−
VCM ± VREF
V
VCM = VREF, RANGE bit = 1
DC Leakage Current4
±1
μA max
Input Capacitance
45
pF typ
When in track
10
pF typ
When in hold


Similar Part No. - AD7934_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7934-6 AD-AD7934-6 Datasheet
750Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. A
AD7934-6 AD-AD7934-6 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
AD7934-6 AD-AD7934-6_15 Datasheet
711Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. B
AD7934-6 AD-AD7934-6_17 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
AD7934BRU AD-AD7934BRU Datasheet
1Mb / 32P
   4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrG
More results

Similar Description - AD7934_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7933 AD-AD7933 Datasheet
1Mb / 32P
   4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrG
AD7934BRUZ-REEL7 AD-AD7934BRUZ-REEL7 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7933 AD-AD7933_15 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7938 AD-AD7938 Datasheet
1Mb / 32P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrN
AD7938 AD-AD7938_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938BSUZ AD-AD7938BSUZ Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938 AD-AD7938_17 Datasheet
629Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
AD7939 AD-AD7939_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com