Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVS6003-002 Datasheet(PDF) 4 Page - Finisar Corporation.

Part # HVS6003-002
Description  PHOTOREFLECTIVE SENSOR LEADFRAME PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

HVS6003-002 Datasheet(HTML) 4 Page - Finisar Corporation.

  HVS6003-002 Datasheet HTML 1Page - Finisar Corporation. HVS6003-002 Datasheet HTML 2Page - Finisar Corporation. HVS6003-002 Datasheet HTML 3Page - Finisar Corporation. HVS6003-002 Datasheet HTML 4Page - Finisar Corporation. HVS6003-002 Datasheet HTML 5Page - Finisar Corporation. HVS6003-002 Datasheet HTML 6Page - Finisar Corporation. HVS6003-002 Datasheet HTML 7Page - Finisar Corporation. HVS6003-002 Datasheet HTML 8Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HVS6003-002
PHOTOREFLECTIVE SENSOR
VCSEL Parameters
Test Condition
Symbol
Min.
Typ.
Max.
Units
Notes
Optical crosstalk current
VCE = 5V, IVCSEL =
6mA
IL, Feedback
0.001
5
0.01
mA
1,3
ICE
IVCSEL = 6mA, VCE =
5V, RL = 100Ω
4
10
16
mA
2
Collector Dark Current
VCE = 5V, IVCSEL=0
ICEO
100
nA
3
Collector – Emitter
Breakdown Voltage
IC=100μA
VBR-CEO
30
V
Emitter – Collector
Breakdown Voltage
IE=100μA
VBR-ECO
5
V
Collector – Emitter
Saturation Voltage
IC=IL/8,
VSAT-CE
0.4
V
Photocurrent Rise/Fall Time
VCC=5V, IL=1mA,
RL=1000Ω
TR/TF
10
μs
4
PHOTOTRANSISTOR ELECTRO-OPTICAL
CHARACTERISTICS
TA=25°C unless otherwise stated), with flex circuit.
NOTES:
1. The crosstalk current is measured in a dark environment with no optical feedback. Ambient light can cause an offset
in the measurement.
2. ICE is defined with a Kodak 90% diffuse whitecard (frequency scale) placed at a distance of 1mm. Refer to the
schematic representation below.
3. Collector dark current is measured with the VCSEL off and in an environment free of ambient light. Optical crosstalk is
measured in the same dark environment, but with the VCSEL forward biased at 6mA
4. The rise and fall times depend on the load resistor used.
VCSEL
Phototransistor
Reflector
D =
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0246
8
10
12
Distance (mm)


Similar Part No. - HVS6003-002

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
HVS6003-001 FINISAR-HVS6003-001 Datasheet
108Kb / 6P
   PHOTOREFLECTIVE SENSOR DOME LENS PACKAGE
More results

Similar Description - HVS6003-002

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
HVS6003-001 FINISAR-HVS6003-001 Datasheet
108Kb / 6P
   PHOTOREFLECTIVE SENSOR DOME LENS PACKAGE
logo
Toshiba Semiconductor
TLP909 TOSHIBA-TLP909 Datasheet
302Kb / 7P
   PHOTOREFLECTIVE SENSOR INFRARED LED PHOTODARLINGTON TRANSISTOR
TLP921 TOSHIBA-TLP921 Datasheet
183Kb / 8P
   Toshiba Photoreflective sensor Infrared LED Phototransistor Inkjet printers ink-level monitoring
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-RX45-XXXXX AVAGO-ASMT-RX45-XXXXX Datasheet
264Kb / 8P
   0.45mm Leadframe-Based Surface Mount ChipLED
logo
Broadcom Corporation.
ASMT-RX45-XXXXX BOARDCOM-ASMT-RX45-XXXXX Datasheet
505Kb / 9P
   0.45-mm Leadframe-Based Surface Mount ChipLED
logo
Toshiba Semiconductor
TLP908 TOSHIBA-TLP908 Datasheet
379Kb / 8P
   PHOTOREFLECTIVE SENSORS INFRARED LED PHOTO TRANSISTOR
logo
Amkor Technology
SOD128-FL AMKOR-SOD128-FL Datasheet
445Kb / 2P
   Bare copper leadframe with no plating
TSON8-FL AMKOR-TSON8-FL Datasheet
740Kb / 2P
   Bare copper leadframe with no plating
SOD123-FL AMKOR-SOD123-FL Datasheet
446Kb / 2P
   Bare copper leadframe with no plating
logo
Toshiba Semiconductor
TLP907 TOSHIBA-TLP907 Datasheet
402Kb / 10P
   TOSHIBA PHOTOREFLECTIVE SENSORS INFRARED LED PHOTODARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com