Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33161 Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC33161
Description  Universal Voltage Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33161 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC33161 Datasheet HTML 5Page - ON Semiconductor MC33161 Datasheet HTML 6Page - ON Semiconductor MC33161 Datasheet HTML 7Page - ON Semiconductor MC33161 Datasheet HTML 8Page - ON Semiconductor MC33161 Datasheet HTML 9Page - ON Semiconductor MC33161 Datasheet HTML 10Page - ON Semiconductor MC33161 Datasheet HTML 11Page - ON Semiconductor MC33161 Datasheet HTML 12Page - ON Semiconductor MC33161 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MC34161, MC33161, NCV33161
http://onsemi.com
9
The above figure shows the MC34161 configured as a dual negative overvoltage detector. As the input voltage increases from ground, the LED will turn ‘ON’ when
−VS1 or −VS2 exceeds V2. With the dashed line output connection, the circuit becomes a dual negative undervoltage detector. As the input voltage decreases from
the peak towards ground, the LED will turn ‘ON’ when −VS1 or −VS2 falls below V1.
For known resistor values, the voltage trip points are:
For a specific trip voltage, the required resistor ratio is:
Figure 18. Dual Negative Overvoltage Detector
V1 +
R1
R2
(Vth * Vref) ) Vth
V2 +
R1
R2
(Vth * VH * Vref) ) Vth * VH
R1
R2
+
V1 * Vth
Vth * Vref
R1
R2
+
V2 * Vth ) VH
Vth * VH * Vref
+
1.27V
+
1.27V
+
2.8V
+
0.6V
+
-
2.54V
Reference
-
+
-
+
+
-
4
1
7
2
3
5
6
R1
-VS1
R1
-VS2
R2
R2
8
VCC
Input -VS
Output
Voltage
Pins 5, 6
GND
V1
V2
VCC
LED `ON'
VHys
GND
The above figure shows the MC34161 configured as a dual negative undervoltage detector. As the input voltage decreases towards ground, the LED will turn ‘ON’
when −VS1 or −VS2 falls below V1. With the dashed line output connection, the circuit becomes a dual negative overvoltage detector. As the input voltage increases
from ground, the LED will turn ‘ON’ when −VS1 or −VS2 exceeds V2.
For known resistor values, the voltage trip points are:
For a specific trip voltage, the required resistor ratio is:
Figure 19. Dual Negative Undervoltage Detector
V1 +
R1
R2
(Vth * Vref) ) Vth
V2 +
R1
R2
(Vth * VH * Vref) ) Vth * VH
R1
R2
+
V1 * Vth
Vth * Vref
R1
R2
+
V2 * Vth ) VH
Vth * VH * Vref
+
1.27V
+
1.27V
+
2.8V
+
0.6V
+
-
8
-
+
-
+
+
-
4
1
7
2
3
5
6
R1
-VS1
R1
-VS2
2.54V
Reference
R2
R2
VCC
VHys
Input -VS
Output
Voltage
Pins 5, 6
GND
V1
V2
VCC
LED `ON'
GND


Similar Part No. - MC33161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33161 ONSEMI-MC33161 Datasheet
364Kb / 16P
   Universal Voltage Monitors
April, 2000 ??Rev. 2
MC33161 ONSEMI-MC33161 Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
MC33161 ONSEMI-MC33161 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
MC33161 ONSEMI-MC33161 Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC33161 ONSEMI-MC33161 Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
More results

Similar Description - MC33161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34161 ONSEMI-MC34161 Datasheet
364Kb / 16P
   Universal Voltage Monitors
April, 2000 ??Rev. 2
S2067TB ONSEMI-S2067TB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_15 Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
S10122PBIB ONSEMI-S10122PBIB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_06 Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
NCV33161DR2G ONSEMI-NCV33161DR2G Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX836 MAXIM-MAX836_08 Datasheet
106Kb / 7P
   4-Pin Micropower Voltage Monitors
19-1137; Rev 3; 5/08
MAX836 MAXIM-MAX836 Datasheet
61Kb / 6P
   4-Pin Micropower Voltage Monitors
Rev 0; 9/96
logo
Intersil Corporation
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com