Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33161 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC33161
Description  Universal Voltage Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33161 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC33161 Datasheet HTML 6Page - ON Semiconductor MC33161 Datasheet HTML 7Page - ON Semiconductor MC33161 Datasheet HTML 8Page - ON Semiconductor MC33161 Datasheet HTML 9Page - ON Semiconductor MC33161 Datasheet HTML 10Page - ON Semiconductor MC33161 Datasheet HTML 11Page - ON Semiconductor MC33161 Datasheet HTML 12Page - ON Semiconductor MC33161 Datasheet HTML 13Page - ON Semiconductor MC33161 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MC34161, MC33161, NCV33161
http://onsemi.com
10
The above figure shows the MC34161 configured as a positive voltage window detector. This is accomplished by connecting channel 1 as an undervoltage detector,
and channel 2 as an overvoltage detector. When the input voltage VS falls out of the window established by V1 and V4, the LED will turn ‘ON’. As the input voltage
falls within the window, VS increasing from ground and exceeding V2, or VS decreasing from the peak towards ground and falling below V3, the LED will turn ‘OFF’.
With the dashed line output connection, the LED will turn ‘ON’ when the input voltage VS is within the window.
For known resistor values, the voltage trip points are:
For a specific trip voltage, the required resistor ratio is:
Figure 20. Positive Voltage Window Detector
V1 + (Vth1 * VH1)
R3
R1 ) R2
) 1
V3 + (Vth2 * VH2)
R2 ) R3
R1
) 1
V2 + Vth1
R3
R1 ) R2
) 1
V4 + Vth2
R2 ) R3
R1
) 1
R2
R1
+
V3(Vth2 * VH2)
V1(Vth1 * VH1)
* 1
R3
R1
+
V3(V1 * Vth1 ) VH1)
V1(Vth2 * VH2)
R2
R1
+
V4 xVth1
V2 xVth2
* 1
R3
R1
+
V4(V2 * Vth1)
V2 xVth2
+
1.27V
+
1.27V
+
2.8V
+
0.6V
+
-
2.54V
Reference
-
+
-
+
+
-
4
1
7
2
3
5
6
VS
R3
R1
R2
8
VCC
Output
Voltage
Pins 5, 6
GND
CH2
CH1
LED `ON'
VHys2
VHys1
LED `ON'
`OFF'
LED `OFF'
`ON'
V4
V3
V2
V1
VCC
GND
Input VS
The above figure shows the MC34161 configured as a negative voltage window detector. When the input voltage −VS falls out of the window established by V1
and V4, the LED will turn ‘ON’. As the input voltage falls within the window, −VS increasing from ground and exceeding V2, or −VS decreasing from the peak towards
ground and falling below V3, the LED will turn ‘OFF’. With the dashed line output connection, the LED will turn ‘ON’ when the input voltage −VS is within the window.
For known resistor values, the voltage trip points are:
For a specific trip voltage, the required resistor ratio is:
Figure 21. Negative Voltage Window Detector
V1 +
R1(Vth2 * Vref)
R2 ) R3
) Vth2
V2 +
R1(Vth2 * VH2 * Vref)
R2 ) R3
) Vth2 * VH2
V3 +
(R1 ) R2)(Vth1 * Vref)
R3
) Vth1
V4 +
(R1 ) R2)(Vth1 * VH1 * Vref)
R3
) Vth1 * VH1
R1
R2 ) R3
+
V1 * Vth2
Vth2 * Vref
R1
R2 ) R3
+
V2 * Vth2 ) VH2
Vth2 * VH2 * Vref
R3
R1 ) R2
+
Vth1 * Vref
V3 * Vth1
R3
R1 ) R2
+
Vth1 * VH1 * Vref
V4 ) VH1 * Vth1
+
1.27V
+
1.27V
+
2.8V
+
0.6V
+
-
-
+
-
+
+
-
4
1
7
2
3
5
6
2.54V
Reference
R3
R1
R2
-VS
8
VCC
Output
Voltage
Pins 5, 6
GND
CH2
CH1
V1
V2
V3
V4
VCC
GND
Input -VS
LED `ON'
LED `ON'
`OFF'
LED `OFF'
`ON'
VHys1
VHys2


Similar Part No. - MC33161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33161 ONSEMI-MC33161 Datasheet
364Kb / 16P
   Universal Voltage Monitors
April, 2000 ??Rev. 2
MC33161 ONSEMI-MC33161 Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
MC33161 ONSEMI-MC33161 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
MC33161 ONSEMI-MC33161 Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC33161 ONSEMI-MC33161 Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
More results

Similar Description - MC33161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34161 ONSEMI-MC34161 Datasheet
364Kb / 16P
   Universal Voltage Monitors
April, 2000 ??Rev. 2
S2067TB ONSEMI-S2067TB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_15 Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
S10122PBIB ONSEMI-S10122PBIB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_06 Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
NCV33161DR2G ONSEMI-NCV33161DR2G Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX836 MAXIM-MAX836_08 Datasheet
106Kb / 7P
   4-Pin Micropower Voltage Monitors
19-1137; Rev 3; 5/08
MAX836 MAXIM-MAX836 Datasheet
61Kb / 6P
   4-Pin Micropower Voltage Monitors
Rev 0; 9/96
logo
Intersil Corporation
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com