Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA832 Datasheet(PDF) 6 Page - NEC

Part # UPA832
Description  NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA832 Datasheet(HTML) 6 Page - NEC

Back Button UPA832 Datasheet HTML 2Page - NEC UPA832 Datasheet HTML 3Page - NEC UPA832 Datasheet HTML 4Page - NEC UPA832 Datasheet HTML 5Page - NEC UPA832 Datasheet HTML 6Page - NEC UPA832 Datasheet HTML 7Page - NEC UPA832 Datasheet HTML 8Page - NEC UPA832 Datasheet HTML 9Page - NEC UPA832 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
µµµµPA832TF
6
4
2
0
0.5
1.0
5.0
10
50
100
VCE = 3 V
f = 1 GHZ
Collector current IC (mA)
Noise Figure vs. Collector Current
5.0
1.0
0.5
0.2
0.1
12
5
10
20
50
f = 1 MHZ
2.0
Collector to base voltage VCB (V)
Feedback Capacitance vs. Collector to Base Voltage
24
20
16
12
8
4
0
0.1
0.2
0.5
1.0
2.0
5.0
Frequency f (GHZ)
Insertion Power Gain vs. Frequency
VCE = 3V
IC = 7 mA
f = 2 GHz
Collector current IC (mA)
Noise Figure vs. Collector Current
Q1
Q2
VCE = 3 V
Collector to base voltage VCB (V)
Feedback Capacitance vs. Collector to Base Voltage
0.6
0.5
0.4
0.3
0.2
0.5
20
12
5
10
4
3
2
1
0
0.5
50
12
5
10
f = 1 MHz
20


Similar Part No. - UPA832

ManufacturerPart #DatasheetDescription
logo
NEC
UPA832TF NEC-UPA832TF Datasheet
58Kb / 9P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
UPA832TF RENESAS-UPA832TF Datasheet
208Kb / 14P
   Silicon Transistor
1997
logo
NEC
UPA832TF-T1 NEC-UPA832TF-T1 Datasheet
58Kb / 9P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA832TF NEC-UPA832TF_99 Datasheet
58Kb / 9P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
More results

Similar Description - UPA832

ManufacturerPart #DatasheetDescription
logo
NEC
UPA833TF NEC-UPA833TF Datasheet
74Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
UPA834TF NEC-UPA834TF Datasheet
68Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
UPA831TC NEC-UPA831TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA835TC NEC-UPA835TC Datasheet
71Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA840TC NEC-UPA840TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA803T NEC-UPA803T Datasheet
60Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA843TC NEC-UPA843TC Datasheet
76Kb / 7P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
logo
California Eastern Labs
UPA863TD CEL-UPA863TD Datasheet
726Kb / 27P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN LEAD-LESS MINIMOLD
logo
NEC
UPA828TF NEC-UPA828TF Datasheet
92Kb / 20P
   HIGH-FREQUENCY LOW-NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5184 THIN-TYPE SMALL MINI MOLD
UPA806T NEC-UPA806T Datasheet
49Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com