Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSA95857 Datasheet(PDF) 2 Page - FCI connector

Part # JSA95857
Description  1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

JSA95857 Datasheet(HTML) 2 Page - FCI connector

  JSA95857 Datasheet HTML 1Page - FCI connector JSA95857 Datasheet HTML 2Page - FCI connector JSA95857 Datasheet HTML 3Page - FCI connector JSA95857 Datasheet HTML 4Page - FCI connector JSA95857 Datasheet HTML 5Page - FCI connector JSA95857 Datasheet HTML 6Page - FCI connector JSA95857 Datasheet HTML 7Page - FCI connector JSA95857 Datasheet HTML 8Page - FCI connector JSA95857 Datasheet HTML 9Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PDM: Rev:AC
Released
.
STATUS:
Printed: Nov 01, 2009


Similar Part No. - JSA95857

ManufacturerPart #DatasheetDescription
logo
FCI connector
JSA92456 FCI-CONNECTOR-JSA92456 Datasheet
743Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
JSA92457 FCI-CONNECTOR-JSA92457 Datasheet
743Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
JSA96144 FCI-CONNECTOR-JSA96144 Datasheet
743Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
JSA96145 FCI-CONNECTOR-JSA96145 Datasheet
743Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
JSA96146 FCI-CONNECTOR-JSA96146 Datasheet
743Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
More results

Similar Description - JSA95857

ManufacturerPart #DatasheetDescription
logo
FCI connector
HFW14R-1STE1 FCI-CONNECTOR-HFW14R-1STE1 Datasheet
761Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
HFW26R-1STE1LF FCI-CONNECTOR-HFW26R-1STE1LF Datasheet
769Kb / 10P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFV12LF FCI-CONNECTOR-SFV12LF Datasheet
743Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFV34R-2STE1 FCI-CONNECTOR-SFV34R-2STE1 Datasheet
719Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFV24R-1STE1 FCI-CONNECTOR-SFV24R-1STE1 Datasheet
719Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFV15R-2STE1LF FCI-CONNECTOR-SFV15R-2STE1LF Datasheet
743Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFV28R-1STE1LF FCI-CONNECTOR-SFV28R-1STE1LF Datasheet
743Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFV10R-2STE1 FCI-CONNECTOR-SFV10R-2STE1 Datasheet
719Kb / 9P
   0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFV30R-3STE1LF FCI-CONNECTOR-SFV30R-3STE1LF Datasheet
676Kb / 8P
   0.5mm SPACING FPC CONNECTOR DOCUMENT LIST
SFV30R-2STAE1LF FCI-CONNECTOR-SFV30R-2STAE1LF Datasheet
743Kb / 9P
   0.5mm SPACING FPC CONNECTOR DOCUMENT LIST
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com