Electronic Components Datasheet Search
Selected language     English  â–Ľ


0-9 Datasheet(PDF) 1 Page - 3M Electronics

Part No. 0-9
Description  STD Tape Dispenser SDR Wire Marking Tape
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  3M [3M Electronics]
Homepage  http://www.3m.comesd
Logo 

   
 1 page
background image
STD Tape Dispenser
SDR Wire Marking Tape
Data Sheet
™
ScotchCode
Application:
ScotchCodeTM SDR is a polyester film tape with an acrylic
pressure sensitive adhesive, the tape is used in the 3M
STD ScotchCode tape dispenser. From the dispenser, the
user can pull out and tear off the amount of tape needed for
thier particular application such as marking wires, terminal
blocks, panels, ect.
Tape Technical Data:
(All Values are Typical Values)
Material:
Polyester film with acrylic
pressure sensitive adhesive
Application Temperature
32
°F to 120°F
Range
(0
°C to 49°C)
Operating Temperature
–40
°F to 250°F
Range
(–40
°C to 121°C)
Storage Temperature
80
°F (26°C)
(Relative Humidity)
25–50%
Tape Roll Width
0.215 inches
(5,46 mm)
Tape Roll Length
96 inches
(2,43 m)
Number of Characters
6 per inch
(6 per 2,54 cm)
Tape Thickness
3 mils (0,08mm)
Adhesion to Steel
25 oz./inch width
( ASTM D–1000)
(273 Newtons/Meters)
Adhesion to Backing
10 oz./inch width
( ASTM D–1000)
(109 Newtons/Meters)
Engineering Specification:
Wire marking tape shall be polyester tape, 3 mils
(0,08mm) thick, with acrylic pressure sensitive adhesive.
The tape will be in a roll 0.215 inches (5,46mm) wide and
96 inches (2,43m) long, wound on a .38 inch (9,65mm)
dia. plastic core. There will be six ( 6 ) characters per inch
of tape. These rolls will be used with 3M ScotchCode STD
tape dispensers and shall be manufactured by 3M.
PRODUCT
DESCRIPTION
PRINTING
ON ROLL
SDR–0
ScotchCode
0
SDR–1
Wire Marking Tape
1
thru
thru
SDR–9
9
SDR–0–9
0–9 consecutive
1 number/roll
SDR–10–19
10–19 consecutive
1 number/roll
thru
thru
SDR–90–99
90–99 consecutive
1 number/roll
SDR–A
A
thru
thru
SDR–Z
Z
SDR–L1
L1
SDR–L2
L2
SDR–L3
L3
SDR–T1
T1
SDR–T2
T2
SDR–T3
T3
SDR + (Plus)
+
SDR – (Minus)
–
This tape is also avaibile in ten colors.
Color of Roll
SDR–BK
BLACK
SDR–BL
BLUE
SDR–BN
BROWN
SDR–GN
GREEN
SDR–GY
GRAY
SDR–OR
ORANGE
SDR–RD
RED
SDR–VL
VIOLET
SDR–WH
WHITE
SDR–YL
YELLOW
SDR–MC
*
* Includes one roll of each of the above colors.
STD–0–9
dispenser filled with numbers 0 thru 9
STD–C
dispenser filled with all ten colors
STD
empty dispenser




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl