Selected language     English  ā–¼


0-9 Datasheet(PDF) 2 Page - 3M Electronics

Part No. 0-9
Description  STD Tape Dispenser SDR Wire Marking Tape
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  3M [3M Electronics]
Homepage  http://www.3m.comesd
Logo 

   
 2 page
background image
STD Tape Dispenser
SDR Wire Marking Tape
Important Notice to Purchaser:
All statements, technical information and recommendations related
to the Seller's products are based on information believed to be
reliable, but the accuracy or completeness thereof is not
guaranteed. Before utilizing the product, the user should
determine the suitability of the product for its intended use. The
user assumes all risks and liability whatsoever in connection with
such use.
Any statements or recommendations of the Seller which are not
contained in the Seller's current publications shall have no force or
effect unless contained in an agreement signed by an authorized
officer of the Seller. The statements contained herein are made in
lieu of all warranties expressed or implied, including but not
limited to the implied warranties of merchantability and fitness for
a particular purpose which warranties are hereby expressly
disclaimed.
SELLER SHALL NOT BE LIABLE TO THE USER OR ANY OTHER
PERSON UNDER ANY LEGAL THEORY, INCLUDING BUT NOT
LIMITED TO NEGLIGENCE OR STRICT LIABILITY, FOR ANY
INJURY OR FOR ANY DIRECT OR CONSEQUENTIAL DAMAGES
SUSTAINED OR INCURRED BY REASON OF THE USE OF ANY
OF THE SELLER'S PRODUCTS.
6801 River Place Blvd.
Austin, TX 78726-9000
Electrical Products Division
Printed on 50% recycled
waste paper, including 10%
post-consumer waste paper.
Litho in USA.
1-4-94
Ā© 3M 1993806104




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl