Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR-20-29 Datasheet(PDF) 2 Page - 3M Electronics

Part # SDR-20-29
Description  STD Tape Dispenser SDR Wire Marking Tape
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SDR-20-29 Datasheet(HTML) 2 Page - 3M Electronics

  SDR-20-29 Datasheet HTML 1Page - 3M Electronics SDR-20-29 Datasheet HTML 2Page - 3M Electronics SDR-20-29 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STD Tape Dispenser
SDR Wire Marking Tape
Important Notice to Purchaser:
All statements, technical information and recommendations related
to the Seller's products are based on information believed to be
reliable, but the accuracy or completeness thereof is not
guaranteed. Before utilizing the product, the user should
determine the suitability of the product for its intended use. The
user assumes all risks and liability whatsoever in connection with
such use.
Any statements or recommendations of the Seller which are not
contained in the Seller's current publications shall have no force or
effect unless contained in an agreement signed by an authorized
officer of the Seller. The statements contained herein are made in
lieu of all warranties expressed or implied, including but not
limited to the implied warranties of merchantability and fitness for
a particular purpose which warranties are hereby expressly
disclaimed.
SELLER SHALL NOT BE LIABLE TO THE USER OR ANY OTHER
PERSON UNDER ANY LEGAL THEORY, INCLUDING BUT NOT
LIMITED TO NEGLIGENCE OR STRICT LIABILITY, FOR ANY
INJURY OR FOR ANY DIRECT OR CONSEQUENTIAL DAMAGES
SUSTAINED OR INCURRED BY REASON OF THE USE OF ANY
OF THE SELLER'S PRODUCTS.
6801 River Place Blvd.
Austin, TX 78726-9000
Electrical Products Division
Printed on 50% recycled
waste paper, including 10%
post-consumer waste paper.
Litho in USA.
1-4-94
© 3M 1993806104


Similar Part No. - SDR-20-29

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SDR-2 3M-SDR-2 Datasheet
29Kb / 2P
   STD Tape Dispenser SDR Wire Marking Tape
logo
Mean Well Enterprises C...
SDR-240 MEANWELL-SDR-240 Datasheet
298Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
SDR-240 MEANWELL-SDR-240 Datasheet
86Kb / 1P
   240~480W Miniature with PFC Function
SDR-240 MEANWELL-SDR-240 Datasheet
463Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
SDR-240 TOTAL-POWER-SDR-240 Datasheet
493Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
More results

Similar Description - SDR-20-29

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SDR-2 3M-SDR-2 Datasheet
29Kb / 2P
   STD Tape Dispenser SDR Wire Marking Tape
SDR-7 3M-SDR-7 Datasheet
29Kb / 2P
   STD Tape Dispenser SDR Wire Marking Tape
SDR-A 3M-SDR-A Datasheet
44Kb / 3P
   STD Tape Dispenser SDR Wire Marking Tape
logo
Lapp.
83257106 LAPP-83257106 Datasheet
611Kb / 7P
   DYMO XTL™ MARKING KIT & MARKING TAPE
08.11.2021
logo
List of Unclassifed Man...
81802 ETC2-81802 Datasheet
39Kb / 1P
   AISLE MARKING TAPE, STATIC SENSITIVE AREA
logo
3M Electronics
767 3M-767 Datasheet
131Kb / 5P
   3M??Hazard Marking Vinyl Tape 767
971 3M-971 Datasheet
162Kb / 6P
   3M??Ultra Durable Floor Marking Tape 971
logo
List of Unclassifed Man...
HP3EEWBGB9 ETC2-HP3EEWBGB9 Datasheet
341Kb / 69P
   TAPE WRAPPED INSULATED WIRE
logo
3M Electronics
1537CW 3M-1537CW Datasheet
248Kb / 2P
   Venture Tape??Facing Tape
1506R 3M-1506R Datasheet
141Kb / 2P
   Venture Tape??Polyethylene Tape
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com