Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1020 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CDP1020
Description  SMBus/I2C ACPI Dual Device Bay Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1020 Datasheet(HTML) 5 Page - Intersil Corporation

  CDP1020 Datasheet HTML 1Page - Intersil Corporation CDP1020 Datasheet HTML 2Page - Intersil Corporation CDP1020 Datasheet HTML 3Page - Intersil Corporation CDP1020 Datasheet HTML 4Page - Intersil Corporation CDP1020 Datasheet HTML 5Page - Intersil Corporation CDP1020 Datasheet HTML 6Page - Intersil Corporation CDP1020 Datasheet HTML 7Page - Intersil Corporation CDP1020 Datasheet HTML 8Page - Intersil Corporation CDP1020 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
2-422
Notational Conventions
The following conventions are used throughout this
document:
• Hexadecimal numbers are denoted with a “$” symbol
preceding the number.
• Binary numbers are represented with a “%” symbol
proceeding the number, or a “b” following.
• Because of the large mix of active-low and active-high
signals used in connection with the CDP1020, the terms
“asserted” and “de-asserted” will be used exclusively. An
active low signal is asserted when it is at a logic 0 and de-
asserted when it is at a logic 1 state. Conversely, an active
high signal is at a logic 1 state when asserted and at a
logic 0 state when de-asserted. The terms reset, clear,
and “low” can also mean logic 0; set or “high” can also
mean logic 1.
• Active low signals are represented with an overline; active
high signals have no overline. For example, REMREQ0 is
active low, PWREN0 is active high.
• There are many pins, signals, registers, and software bits
common to both Bay 0 and Bay 1; these names may
include the Bay number suffix (0 or 1), an “x” to represent
either, or no suffix at all. For example, PWREN, PWREN0,
or PWRENx may each be used to describe output pin(s).
SCK
SDA
STOP
START
START
tHD:STA
tLOW
tHIGH
tSU:STO
STOP
tHD:DAT
tSU:DAT
tSU:STA
tHD:STA
FIGURE 1. CONTROL TIMING
tBUF
Control Timing
VDD = 3.3V ±10%, TA = 0
oC to 85oC
PARAMETER
SYMBOL
MIN
MAX
UNITS
Frequency Of Operation (4.0MHz nominal) (CLK Pin)
fCLK
2.0
4.5
MHz
Suspend Recovery Start-up Time
tRSUS
0.9
1
ms
RESET Pulse Width (RESET Pin)
tRL
6-
tOSC
Input Debounce Time (1394PRx, USBPRx, REMREQx, SECUREx Pins)
tDB
50
-
ms
SMBus SCK and SDA Pins
SCK Frequency
fSMB
10
100
kHz
SMBus Free Time
tBUF
4.7
-
µs
Hold Time After (Repeated) Start Condition
tHD:STA
4.0
-
µs
Repeated Start Condition Setup Time
tSU:STA
4.7
-
µs
Stop Condition Setup Time
tSU:STO
4.0
-
µs
Data Hold Time
tHD:DAT
300
-
ns
Data Setup Time
tSU:DAT
250
-
ns
SCK Time-out Period
tTIMEOUT
25
35
ms
SCK Low Period
tLOW
4.7
-
µs
SCK High Period
tHIGH
4.0
50
µs
Slave SCK Extend Period (cumulative)
tLOW:SEXT
-25
ms
Master SCK Extend Period (cumulative)
tLOW:MEXT
-10
ms
SCK/SMBDAT Fall Time
tF
-
300
ns
SCK/SMBDAT Rise Time
tR
-
1000
ns
CDP1020


Similar Part No. - CDP1020

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
CDP1500-BSY DH-CDP1500-BSY Datasheet
432Kb / 3P
   High-performance chain drives
logo
Intersil Corporation
CDP1802A INTERSIL-CDP1802A Datasheet
115Kb / 27P
   CMOS 8-Bit Microprocessors
March 1997
CDP1802A INTERSIL-CDP1802A Datasheet
240Kb / 28P
   CMOS 8-Bit Microprocessors
CDP1802AC INTERSIL-CDP1802AC Datasheet
115Kb / 27P
   CMOS 8-Bit Microprocessors
March 1997
CDP1802AC INTERSIL-CDP1802AC Datasheet
240Kb / 28P
   CMOS 8-Bit Microprocessors
More results

Similar Description - CDP1020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBC98C51 ETC1-DBC98C51 Datasheet
1Mb / 31P
   SMBus Device Bay Controller
logo
Analog Devices
DC1613A AD-DC1613A Datasheet
309Kb / 8P
   I2C/SMBUS/PMBUS Controller
logo
Fairchild Semiconductor
FAN5067 FAIRCHILD-FAN5067 Datasheet
101Kb / 14P
   ACPI Dual Switch Controller
FAN5063 FAIRCHILD-FAN5063 Datasheet
196Kb / 14P
   ACPI Dual Switch Controller
logo
Linear Technology
LTC4318 LINER-LTC4318 Datasheet
224Kb / 16P
   Dual I2C/SMBus Address Translator
LTC4317 LINER-LTC4317_15 Datasheet
214Kb / 14P
   Dual I2C/SMBus Address Translator
LTC4317 LINER-LTC4317 Datasheet
228Kb / 16P
   Dual I2C/SMBus Address Translator
LTC4318 LINER-LTC4318_15 Datasheet
213Kb / 14P
   Dual I2C/SMBus Address Translator
logo
List of Unclassifed Man...
OZ6812 ETC-OZ6812 Datasheet
105Kb / 13P
   ACPI CardBus Controller
OZ6833 ETC-OZ6833 Datasheet
118Kb / 15P
   ACPI CardBus Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com