Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGH1008AM Datasheet(PDF) 2 Page - National Instruments Corporation

Part # PGH1008AM
Description  THYRISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PGH1008AM Datasheet(HTML) 2 Page - National Instruments Corporation

  PGH1008AM_15 Datasheet HTML 1Page - National Instruments Corporation PGH1008AM_15 Datasheet HTML 2Page - National Instruments Corporation PGH1008AM_15 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
─ 291 ─
■電気的特性 Electrical Characteristics
*1:1アーム当りの値 Value Per 1 Arm.
サイリスタ部(1素子)
Part of Thyristor(1die)
■最大定格 Maximum Ratings
■電気的特性 Electrical Characteristics
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum Value
単位
Unit
ピーク逆電流
*1
Peak Reverse Current
IRM
Tj=125℃,VRM=VRRM
15
mA
ピーク順電圧
*1
Peak Forward Voltage
VFM
Tj= 25℃,IFM=100A
1.16
V
熱抵抗
Thermal Resistance
Rth
(j-c)
接合部−ケース間(トータル)
Junction to Case, Total
0.24
℃/W
項   目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
PGH1008AM
くり返しピークオフ電圧
Repetitive Peak Off-State Voltage
VDRM
800
V
非くり返しピークオフ電圧
Non Repetitive Peak Off-State Voltage
VDSM
900
V
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
VRRM
800
V
非くり返しピーク逆電圧
Non Repetitive Peak Reverse Voltage
VRSM
900
V
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated Value
単位
Unit
サージオン電流
Surge On-State Current
ITSM
50Hz正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
2000
A
電流二乗時間積
I Squared t
I
2t
2∼10ms
20000
A
2
s
臨界オン電流上昇率
Critical Rate of Rise of Turned-On Current
di/dt
VD=2/3VDRM,ITM=2・IO,Tj=125℃
IG=200mA,diG/dt=0.2A/μs
100
A/μs
ピークゲート電力損失
Peak Gate Power
PGM
5W
平均ゲート電力損失
Average Gate Power
PG
(AV)
1W
ピークゲート電流
Peak Gate Current
IGM
2A
ピークゲート電圧
Peak Gate Voltage
VGM
10
V
ピークゲート逆電圧
Peak Gate Reverse Voltage
VRGM
5V
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum Value
単位
Unit
最小
Min.
標準
Typ.
最大
Max.
ピークオフ電流
Peak Off-State Current
IDM
Tj=125℃,VDM=VDRM
20
mA
ピークオン電圧
Peak On-State Voltage
VTM
Tj=25℃,ITM=100A
1.13
V
トリガゲート電流
Gate Current to Trigger
IGT
VD=6V,IT=1A
Tj=−40℃
200
mA
Tj=
25℃
100
mA
Tj= 125℃
50
mA
トリガゲート電圧
Gate Voltage to Trigger
VGT
VD=6V,IT=1A
Tj=−40℃
4.0
V
Tj=
25℃
2.5
V
Tj= 125℃
2.0
V
非トリガゲート電圧
Gate Non-Trigger Voltage
VGD
Tj=125℃,VD=2/3VDRM
0.25
V
臨界オフ電圧上昇率
Critical Rate of Rise of Off-State Voltage
dv/dt
Tj=125℃,VD=2/3VDRM
500
V/μs
ターンオフ時間
Turn-Off Time
tq
Tj=125℃,ITM=IO,VD=2/3VDRM
dv/dt=20V/μs,
VR=100V,
−di/dt=20A/μs
150
μs
ターンオン時間
Turn-On Time
tgt
Tj=25℃,VD=2/3VDRM,ITM=3・IO
IG=200mA,diG/dt=0.2A/μs
6
μs
遅れ時間
Delay Time
td
2
μs
立上がり時間
Rise Time
tr
4
μs
ラッチング電流
Latching Current
IL
Tj=25℃
100
mA
保持電流
Holding Current
IH
Tj=25℃
80
mA
熱抵抗
Thermal Resistance
Rth
(j-c)
接合部−ケース間
Junction to Case
0.5
℃/W


Similar Part No. - PGH1008AM_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PGH1008AM NIEC-PGH1008AM_1 Datasheet
240Kb / 3P
   100A Avg 800 Volts
More results

Similar Description - PGH1008AM_15

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
   Thyristor/Thyristor, Thyristor/Diode
logo
International Rectifier
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
   THYRISTOR/ THYRISTOR
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
   Thyristor Thyristor
March 2001 Rev 1.001
logo
Vishay Siliconix
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
   Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
   THYRISTOR / DIODE and THYRISTOR / THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com