Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGH2008AM Datasheet(PDF) 1 Page - National Instruments Corporation

Part # PGH2008AM
Description  THYRISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PGH2008AM Datasheet(HTML) 1 Page - National Instruments Corporation

  PGH2008AM_15 Datasheet HTML 1Page - National Instruments Corporation PGH2008AM_15 Datasheet HTML 2Page - National Instruments Corporation PGH2008AM_15 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
─ 299 ─
質量 Approximate Weight…約530g
■熱特性 Thermal Characteristics
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated Value
単位
Unit
平均出力電流
Average Rectified Output Current
I0(AV)
三相全波整流
3-Phase Full
Wave Rectified
200
A
200
A
動作接合温度範囲
Operating Junction Temperature Range
Tjw
125∼150℃はサイリスタ部に順・逆電圧印加しない事
Tj>125℃, Can not be Biased for Thyristor.
−40∼+150
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125
絶縁耐圧
Isolation Voltage
Viso
端子−ベース間,AC1分間
Terminal to Base, AC1min.
2000
V
締付トルク
Mounting Torque
ベース部
Mounting
F
サーマルコンパウンド塗布
Greased
M6
2.5∼3.5
N・m
主端子部
Terminal
M6
2.5∼3.5
N・m
ゲート端子部
Gate Terminal
M4
1.2∼1.6
N・m
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum Value
単位
Unit
接触熱抵抗
Thermal Resistance
Rth
(c-f)
ケース−フィン間(トータル),サーマルコンパウンド塗布
Case to Fin, Total, Greased
0.06
℃/W
ダイオードブリッジ部(6素子)
Part of Diode Bridge(6dies)
■最大定格 Maximum Ratings
.*1:1アーム当りの値 Value Per 1 Arm.
項   目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
PGH2008AM
くり返しピーク逆電圧
*1
Repetitive Peak Reverse Voltage
VRRM
800
V
非くり返しピーク逆電圧
*1
Non Repetitive Peak Reverse Voltage
VRSM
900
V
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated Value
単位
Unit
サージ順電流
*1
Surge Forward Current
IFSM
50Hz正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
1800
A
電流二乗時間積
*1
I Squared t
I
2t
2∼10ms
16200
A
2
s
許容周波数
Allowable Operating Frequency
f
400
Hz
Tc=93℃
(電圧印加なし)
Non-Bias
Tc=68℃
(電圧印加あり)
Bias
■回路図 CIRCUIT
+5
−6
AC1
AC2
AC3
R4
G
総合定格・特性 Part of Diode Bridge & Thyristor
■最大定格 Maximum Ratings
■外形寸法図 OUTLINE DRAWING
(単位 Dimension:mm)
THYRISTOR
200A Avg 800 Volts
PGH2008AM


Similar Part No. - PGH2008AM_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PGH2008AM NIEC-PGH2008AM_1 Datasheet
239Kb / 3P
   200A Avg 800 Volts
More results

Similar Description - PGH2008AM_15

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
   Thyristor/Thyristor, Thyristor/Diode
logo
International Rectifier
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
   THYRISTOR/ THYRISTOR
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
   Thyristor Thyristor
March 2001 Rev 1.001
logo
Vishay Siliconix
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
   Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
   THYRISTOR / DIODE and THYRISTOR / THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com