Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8011AR-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # AD8011AR-REEL
Description  300 MHz Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8011AR-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8011AR-REEL Datasheet HTML 3Page - Analog Devices AD8011AR-REEL Datasheet HTML 4Page - Analog Devices AD8011AR-REEL Datasheet HTML 5Page - Analog Devices AD8011AR-REEL Datasheet HTML 6Page - Analog Devices AD8011AR-REEL Datasheet HTML 7Page - Analog Devices AD8011AR-REEL Datasheet HTML 8Page - Analog Devices AD8011AR-REEL Datasheet HTML 9Page - Analog Devices AD8011AR-REEL Datasheet HTML 10Page - Analog Devices AD8011AR-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
REV. C
–6–
AD8011
FREQUENCY (MHz)
–40
–100
1
10
20
–60
–80
THIRD
RL =1k
THIRD
RL = 150
SECOND
RL = 150
SECOND
RL = 1k
G = +2
TPC 7. Distortion vs. Frequency; VS =
±5 V
100
0
IRE
RL = 1k
RL = 150
0.04
–0.04
0.00
–0.02
0.02
0.01
–0.01
–0.03
0.03
VS = 5V
G = +2
0.4
–0.4
0.00
–0.2
0.2
0.1
–0.1
–0.3
0.3
RL = 150
100
0
IRE
RL = 1k
0.04
–0.04
0.00
–0.02
0.02
0.01
–0.01
–0.03
0.03
VS = 5V
G = +2
TPC 8. Diff Phase and Diff Gain; VS =
±5 V
6
3
0
–3
–6
–12
–15
–18
1
10
40
100
500
FREQUENCY (MHz)
–9
9
–21
1V rms
TPC 9. Large Signal Frequency Response;
VS =
±5 V, G = +2
FREQUENCY (MHz)
–40
–100
1
10
20
–60
–80
THIRD
RL =1k
THIRD
RL = 150
SECOND
RL = 150
G = +2
SECOND
RL =1k
TPC 10. Distortion vs. Frequency; VS = +5 V
0.08
–0.08
0.00
–0.04
0.04
100
0IRE
100
0
IRE
0.02
–0.02
–0.06
0.06
0.8
–0.8
0.0
–0.4
0.4
0.2
–0.2
–0.6
0.6
0.08
–0.08
0.00
–0.04
0.04
0.02
–0.02
–0.06
0.06
RL=150
RL=1k
RL=1k
RL=150
VS = +5V
G = +2
VS = +5V
G = +2
0.8
–0.8
0.0
–0.4
0.4
0.2
–0.2
–0.6
0.6
TPC 11. Diff Phase and Diff Gain; VS = +5 V
0
–3
–6
–9
–12
–18
–21
–24
1
10
40
100
500
FREQUENCY (MHz)
–15
3
–27
1V rms
TPC 12. Large Signal Frequency Response;
VS = +5 V, G = +2


Similar Part No. - AD8011AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8011AR-REEL AD-AD8011AR-REEL Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8011AR-REEL AD-AD8011AR-REEL Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011AR-REEL7 AD-AD8011AR-REEL7 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8011AR-REEL7 AD-AD8011AR-REEL7 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
More results

Similar Description - AD8011AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
EL2160C-1 ELANTEC-EL2160C-1 Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com