Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8015 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8015
Description  Wideband/Differential Output Transimpedance Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8015 Datasheet(HTML) 2 Page - Analog Devices

  AD8015_15 Datasheet HTML 1Page - Analog Devices AD8015_15 Datasheet HTML 2Page - Analog Devices AD8015_15 Datasheet HTML 3Page - Analog Devices AD8015_15 Datasheet HTML 4Page - Analog Devices AD8015_15 Datasheet HTML 5Page - Analog Devices AD8015_15 Datasheet HTML 6Page - Analog Devices AD8015_15 Datasheet HTML 7Page - Analog Devices AD8015_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD8015–SPECIFICATIONS
REV. A
–2–
(SO Package @ TA = +25 C and VS = +5 V, unless otherwise noted)
AD8015AR
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
Bandwidth
3 dB
180
240
MHz
Pulse Width Modulation
10
µA to 200 µA Peak
500
ps
Rise and Fall Time
10% to 90%
1.5
ns
Settling Time
1
to 3%, 0.5 V Diff Output Step
3
ns
INPUT
Linear Input Current Range
±2.5%, Nonlinearity
±25
±30
µA
Max Input Current Range
Saturation
±200
±350
µA
Optical Sensitivity
155 Mbps, Avg Power
–36
dBm
Input Stray Capacitance
Die, by Design
0.2
pF
SOIC, by Design
0.4
pF
Input Bias Voltage
+VS to IIN and VBYP
1.6
1.8
2.0
V
NOISE
Die, Single Ended at POUT,
or Differential (POUT–NOUT),
CSTRAY = 0.3 pF
Input Current Noise
f = 100 MHz
3.0
pA/
√Hz
Total Input RMS Noise
DC to 100 MHz
26.5
nA
TRANSFER CHARACTERISTICS
Transresistance
Single Ended
8
10
12
k
Differential
16
20
24
k
Power Supply
Single Ended
37.0
dB
Rejection Ratio
Differential
40
dB
OUTPUT
Differential Offset
620
mV
Output Common-Mode Voltage
From Positive Supply
–1.5
–1.3
–1.1
V
Voltage Swing (Differential)
Positive Input Current, RL =
1.0
V p-p
Positive Input Current, RL = 50 Ω
600
mV p-p
Output Impedance
40
50
60
POWER SUPPLY
TMIN to TMAX
Operating Range
Single Supply
+4.5
+5
+11
V
Dual Supply
±2.25
±5.5
V
Current
25
26
mA
NOTES
1Settling Time is defined as the time elapsed from the application of a perfect step input to the time when the output has entered and remained within a specified error
band symmetrical about the final value. This parameter includes propagation delay, slew time, overload recovery, and linear settling times.
Specifications subject to change without notice.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8015 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage (+VS to –VS). . . . . . . . . . . . . . . . . . . . . . . 12 V
Internal Power Dissipation
2
Small Outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.9 Watts
Output Short Circuit Duration . . . . . . . . . . . . . . . Indefinite
Maximum Input Current . . . . . . . . . . . . . . . . . . . . . . . . 10 mA
Storage Temperature Range . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range (TMIN to TMAX)
AD8015ACHIP/AR . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . +165
°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Specification is for device in free air: 8-pin SOIC package:
θ
JA = 155
°C/W.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8015AR
–40
°C to +85°C 8-Pin Plastic SOIC SO-8
AD8015ACHIPS –40
°C to +85°C Die Form


Similar Part No. - AD8015_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8015ACHIPS AD-AD8015ACHIPS Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015AR AD-AD8015AR Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
More results

Similar Description - AD8015_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
Texas Instruments
LMH32401 TI1-LMH32401 Datasheet
1Mb / 28P
[Old version datasheet]   LMH32401 500-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
LMH32401 TI-LMH32401_V01 Datasheet
2Mb / 40P
[Old version datasheet]   LMH32401 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
REVISED AUGUST 2022
logo
TriQuint Semiconductor
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
   10 GB/s Differential Transimpedance Amplifier
logo
Texas Instruments
LMH32401-Q1 TI-LMH32401-Q1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   LMH32401-Q1 Automotive, 450-MHz, Programmable-Gain, Differential-Output Transimpedance Amplifier
REVISED AUGUST 2023
LMH32401-Q1 TI-LMH32401-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   LMH32401-Q1 Automotive, 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
APRIL 2023
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
OPA857 TI1-OPA857 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com