Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA835 Datasheet(PDF) 6 Page - NEC

Part # UPA835
Description  NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA835 Datasheet(HTML) 6 Page - NEC

Back Button UPA835 Datasheet HTML 2Page - NEC UPA835 Datasheet HTML 3Page - NEC UPA835 Datasheet HTML 4Page - NEC UPA835 Datasheet HTML 5Page - NEC UPA835 Datasheet HTML 6Page - NEC UPA835 Datasheet HTML 7Page - NEC UPA835 Datasheet HTML 8Page - NEC UPA835 Datasheet HTML 9Page - NEC UPA835 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet P14555EJ1V0DS00
6
µµµµPA835TC
Frequency f (GHz)
Frequency f (GHz)
INSERTION POWER GAIN vs. FREQUENCY
Collector to Base Voltage VCB (V)
FEEDBACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
Collector Current IC (mA)
NOISE FIGURE vs. COLLECTOR CURRENT
Collector to Base Voltage VCB (V)
FEEDBACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
Collector Current IC (mA)
NOISE FIGURE vs. COLLECTOR CURRENT
INSERTION POWER GAIN vs. FREQUENCY
Q1
Q2
0.0
0.1
5.0
10.0
15.0
20.0
25.0
30.0
1.0
10.0
VCE = 3 V
IC = 10 mA
0.0
0.1
5.0
10.0
15.0
20.0
25.0
1.0
10.0
VCE = 3 V
IC = 7 mA
0.00
1.00
2.00
3.00
4.00
5.00
6.00
1
10
100
VCE = 3 V
f = 2 GHz
0.00
1.00
2.00
3.00
4.00
5.00
6.00
1
10
100
VCE = 3 V
f = 1 GHz
0.000
0.050
0.100
0.150
0.200
0.350
0.400
1
10
100
0.250
0.300
f = 1 MHz
0.000
0.100
0.200
0.300
0.400
0.700
0.900
1
10
100
0.500
0.600
0.800
f = 1 MHz


Similar Part No. - UPA835

ManufacturerPart #DatasheetDescription
logo
NEC
UPA835TF NEC-UPA835TF Datasheet
72Kb / 10P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
UPA835TF RENESAS-UPA835TF Datasheet
208Kb / 14P
   Silicon Transistor
1997
logo
NEC
UPA835TF-T1 NEC-UPA835TF-T1 Datasheet
72Kb / 10P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
More results

Similar Description - UPA835

ManufacturerPart #DatasheetDescription
logo
NEC
UPA831TC NEC-UPA831TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA840TC NEC-UPA840TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA843TC NEC-UPA843TC Datasheet
76Kb / 7P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
logo
California Eastern Labs
UPA863TD CEL-UPA863TD Datasheet
726Kb / 27P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN LEAD-LESS MINIMOLD
logo
NEC
UPA801TC NEC-UPA801TC Datasheet
76Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA810TC NEC-UPA810TC Datasheet
53Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA814TC NEC-UPA814TC Datasheet
84Kb / 20P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5195 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA804TC NEC-UPA804TC Datasheet
66Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5004 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA833TF NEC-UPA833TF Datasheet
74Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
UPA880TS NEC-UPA880TS Datasheet
54Kb / 6P
   NPN SiGe RF TRANSISTOR (WITH 2 DIFFERENT ELEMENTS) IN A 6-PIN SUPER LEAD-LESS MINIMOLD (1007 PACKAGE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com