Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1823CE Datasheet(PDF) 5 Page - Intersil Corporation

Part # CDP1823CE
Description  128-Word x 8-Bit LSI Static RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1823CE Datasheet(HTML) 5 Page - Intersil Corporation

  CDP1823CE Datasheet HTML 1Page - Intersil Corporation CDP1823CE Datasheet HTML 2Page - Intersil Corporation CDP1823CE Datasheet HTML 3Page - Intersil Corporation CDP1823CE Datasheet HTML 4Page - Intersil Corporation CDP1823CE Datasheet HTML 5Page - Intersil Corporation CDP1823CE Datasheet HTML 6Page - Intersil Corporation CDP1823CE Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
6-28
Dynamic Electrical Specifications At TA = -40 to +85oC, VDD ±5%, tR, tF = 20ns, CL = 100pF
PARAMETER
SYMBOL
VDD
(V)
LIMITS
CDP1823
CDP1823C
UNITS
(NOTE 2)
MIN
(NOTE 1)
TYP
MAX
(NOTE 2)
MIN
(NOTE 1)
TYP
MAX
Write Cycle (See Figure 2)
Write Recovery
tWR
5
75-
-75-
-
ns
10
50
-----
ns
Write Cycle
tWC
5
400
-
-
400
-
-
ns
10
225
-----
ns
Write Pulse Width
tWRW
5
200
-
-
200
-
-
ns
10
100
-----
ns
Address Setup Time
tAS
5
125
-
-
125
-
-
ns
10
75
-----
ns
Data Setup Time
tDS
5
100
-
-
100
-
-
ns
10
75
-----
ns
Data Hold Time From MWR
tDH
5
75-
-75-
-
ns
10
50
-----
ns
NOTES:
1. Typical values are at TA = 25
oC and nominal voltage.
2. Time required by a limit device to allow for the indicated function.
ADDRESS
tWC
tAS
tWR
CS1, CS4
CS2, CS3, CS5
tWRW
tDS
tDH
MWR
BUS 0-7
VALID DATA
NOTE:
1. MRD must be high during write operation.
FIGURE 2. WRITE CYCLE TIMING DIAGRAM
CDP1823, CDP1823C


Similar Part No. - CDP1823CE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1823C INTERSIL-CDP1823C Datasheet
28Kb / 6P
   High-Reliability CMOS 128-Word x 8-Bit Static RAM
March 1997
CDP1823C/3 INTERSIL-CDP1823C/3 Datasheet
28Kb / 6P
   High-Reliability CMOS 128-Word x 8-Bit Static RAM
March 1997
CDP1823CD3 INTERSIL-CDP1823CD3 Datasheet
28Kb / 6P
   High-Reliability CMOS 128-Word x 8-Bit Static RAM
March 1997
More results

Similar Description - CDP1823CE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1822 INTERSIL-CDP1822 Datasheet
45Kb / 8P
   256-Word x 4-Bit LSI Static RAM
March 1997
MWS5114 INTERSIL-MWS5114_1 Datasheet
113Kb / 8P
   1024-Word x 4-Bit LSI Static RAM
CDP1823C INTERSIL-CDP1823C Datasheet
28Kb / 6P
   High-Reliability CMOS 128-Word x 8-Bit Static RAM
March 1997
CDP1822 INTERSIL-CDP1822_1 Datasheet
169Kb / 9P
   256-Word x 4-Bit LSI Static RAM
MWS5101 INTERSIL-MWS5101 Datasheet
41Kb / 7P
   256-Word x 4-Bit LSI Static RAM
MWS5114 INTERSIL-MWS5114 Datasheet
29Kb / 7P
   1024-Word x 4-Bit LSI Static RAM
logo
Toshiba Semiconductor
TC55257BPI TOSHIBA-TC55257BPI Datasheet
356Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
   131,072 WORD x 8 BIT STATIC RAM
TC551001AFL TOSHIBA-TC551001AFL Datasheet
297Kb / 10P
   131,072 WORD x 8 BIT STATIC RAM
TC551001CP TOSHIBA-TC551001CP Datasheet
547Kb / 14P
   131,072 WORD x 8 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com