Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1822E Datasheet(PDF) 5 Page - Intersil Corporation

Part # CDP1822E
Description  256-Word x 4-Bit LSI Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1822E Datasheet(HTML) 5 Page - Intersil Corporation

  CDP1822E Datasheet HTML 1Page - Intersil Corporation CDP1822E Datasheet HTML 2Page - Intersil Corporation CDP1822E Datasheet HTML 3Page - Intersil Corporation CDP1822E Datasheet HTML 4Page - Intersil Corporation CDP1822E Datasheet HTML 5Page - Intersil Corporation CDP1822E Datasheet HTML 6Page - Intersil Corporation CDP1822E Datasheet HTML 7Page - Intersil Corporation CDP1822E Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6-15
Chip-Select 1 Hold
tCS1H
50
-
-
0
-
-
ns
10
0
-
-
0
-
-
ns
Chip-Select 2 Hold
tCS2H
50
-
-
0
-
-
ns
10
0
-
-
0
-
-
ns
Output Disable Set-Up
tODS
5
200
-
-
200
-
-
ns
10
110
-
-
-
-
-
ns
NOTES:
1. Time required by a limit device to allow for indicated function.
2. Typical values are for TA = 25
oC and nominal V
DD.
Dynamic Electrical Specifications At TA + -40 to +85oC, VDD ±5%, Input tR, tF = 20ns, VIH = 0.7 VDD, VIL = 0.3 VDD,
CL = 100 pF. (Continued)
PARAMETER
TEST
CONDITIONS
LIMITS
UNITS
CD1822
CDP1822C
VDD
(V)
(NOTE 1)
MIN
(NOTE 2)
TYP
MAX
(NOTE 1)
MIN
(NOTE 2)
TYP
MAX
A0-A7
tWC
tCSIS
tCSIH
tCS2S
tCS2H
tODS
tDS
tDH
tWRW
tAS
DON’T CARE
CHIP-SELECT 1
CHIP-SELECT 2
OUTPUT DISABLE
DI1-DI4
READ/WRITE
tWR
DATA IN STABLE
NOTE: tODS is required for common I/O operation only. For separate I/O operations, output disable is don’t care.
FIGURE 2. WRITE CYCLE TIME WAVEFORMS
(NOTE)
CDP1822, CDP1822C


Similar Part No. - CDP1822E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1822E INTERSIL-CDP1822E Datasheet
169Kb / 9P
   256-Word x 4-Bit LSI Static RAM
CDP1822EX INTERSIL-CDP1822EX Datasheet
169Kb / 9P
   256-Word x 4-Bit LSI Static RAM
More results

Similar Description - CDP1822E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1822 INTERSIL-CDP1822_1 Datasheet
169Kb / 9P
   256-Word x 4-Bit LSI Static RAM
MWS5101 INTERSIL-MWS5101 Datasheet
41Kb / 7P
   256-Word x 4-Bit LSI Static RAM
CDP1822C INTERSIL-CDP1822C Datasheet
27Kb / 5P
   High-Reliability CMOS 256-Word x 4-Bit LSI Static RAM
March 1997
MWS5114 INTERSIL-MWS5114_1 Datasheet
113Kb / 8P
   1024-Word x 4-Bit LSI Static RAM
MWS5114 INTERSIL-MWS5114 Datasheet
29Kb / 7P
   1024-Word x 4-Bit LSI Static RAM
CDP1823 INTERSIL-CDP1823 Datasheet
28Kb / 7P
   128-Word x 8-Bit LSI Static RAM
March 1997
logo
Toshiba Semiconductor
TC5501P TOSHIBA-TC5501P Datasheet
156Kb / 8P
   256 WORD x 4 BIT CMOS RAM
logo
National Semiconductor ...
NMC6551 NSC-NMC6551 Datasheet
219Kb / 6P
   1024-Bit (256 x 4) Static RAM
logo
Toshiba Semiconductor
TC55465AP TOSHIBA-TC55465AP Datasheet
358Kb / 7P
   65,536 WORD x 4 BIT CMOS STATIC RAM
TC55416P TOSHIBA-TC55416P Datasheet
232Kb / 6P
   16,384 WORD x 4 BIT CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com