Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8016 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8016
Description  Low Power, High Output Current xDSL Line Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8016_15 Datasheet HTML 7Page - Analog Devices AD8016_15 Datasheet HTML 8Page - Analog Devices AD8016_15 Datasheet HTML 9Page - Analog Devices AD8016_15 Datasheet HTML 10Page - Analog Devices AD8016_15 Datasheet HTML 11Page - Analog Devices AD8016_15 Datasheet HTML 12Page - Analog Devices AD8016_15 Datasheet HTML 13Page - Analog Devices AD8016_15 Datasheet HTML 14Page - Analog Devices AD8016_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AD8016
Data Sheet
Rev. C | Page 10 of 20
Figure 24. Output Voltage vs. Frequency; VS = ±12 V
Figure 25. CMRR vs. Frequency; VS = ±12 V @ PWDN1, PWDN0 Codes
Figure 26. Frequency Response; VS = ±6 V, @ PWDN1, PWDN0 Codes
Figure 27. Output Voltage vs. Frequency; VS = ±6 V
Figure 28. PSRR vs. Frequency; VS = ±12 V
Figure 29. Noise vs. Frequency
FREQUENCY (MHz)
1
–16
–19
–13
–10
–7
–4
–1
2
5
8
11
500
100
10
G = +5
RL = 100Ω
RF = 499Ω
FREQUENCY (MHz)
20
0.03
10
0
–10
–20
–30
–40
–50
–60
–70
–80
VIN = 2V rms
RF = 602Ω
(1,1)
(1,0)
(0,1)
(0,0)
500
100
10
0.1
1
500
100
FREQUENCY (MHz)
10
1
3
0
–3
–6
–9
–12
–15
–18
–21
–24
6
(1,1)
(0,1)
(1,0)
(0,0)
VIN = 40mV p-p
G = +5
RL = 100Ω
500
100
10
FREQUENCY (MHz)
1
–16
–19
–13
–10
–7
–4
–1
2
5
8
11
G = +5
RL = 100Ω
RF = 499Ω
500
100
10
0.1
0.01
1
FREQUENCY (MHz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
+PSRR
–PSRR
RF = 499Ω
0
FREQUENCY (MHz)
10
100
80
60
40
20
10M
10k
1k
100
10
20
30
40
50
60
70
80
90
0
120
140
160
180
100k
1M
+INOISE
VIN NOISE


Similar Part No. - AD8016_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8016ARB AD-AD8016ARB Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
AD8016ARB AD-AD8016ARB Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
AD8016ARB-EVAL AD-AD8016ARB-EVAL Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
AD8016ARB-EVAL AD-AD8016ARB-EVAL Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
AD8016ARB-REEL AD-AD8016ARB-REEL Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
More results

Similar Description - AD8016_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8016 AD-AD8016 Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
AD8016 AD-AD8016_03 Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Maxim Integrated Produc...
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com