Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1824EX Datasheet(PDF) 5 Page - Intersil Corporation

Part # CDP1824EX
Description  32-Word x 8-Bit Static RAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1824EX Datasheet(HTML) 5 Page - Intersil Corporation

  CDP1824EX Datasheet HTML 1Page - Intersil Corporation CDP1824EX Datasheet HTML 2Page - Intersil Corporation CDP1824EX Datasheet HTML 3Page - Intersil Corporation CDP1824EX Datasheet HTML 4Page - Intersil Corporation CDP1824EX Datasheet HTML 5Page - Intersil Corporation CDP1824EX Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6-41
Data Retention Specifications at TA = -40oC to +85oC; See Figure 3
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNITS
VDD
(V)
CDP1824
CDP1824C
MIN
MAX
MIN
MAX
Data Retention Voltage
VDR
-
2.5
-
2.5
-
V
Data Retention Quiescent Current
IDD
VDR = 2.5V
-
-
10
-
40
µA
Chip Deselect to Data Retention
Time
tCDR
VDR = 2.5V
5
600
-
600
-
ns
10
300
-
-
-
ns
Recovery to Normal Operation Time
tRC
VDR = 2.5V
5
600
-
600
-
ns
10
300
-
-
-
ns
FIGURE 4. FUNCTIONAL DIAGRAM
FIGURE 5. CDP1824 (128 X 8) MINIMUM SYSTEM (128 X 8)
MA4
MA3
MA2
MA1
MA0
MWR
CS
VDD = 18
VSS = 9
BUS
7
BUS
6
BUS
5
BUS
4
BUS
3
BUS
2
BUS
1
BUS
0
MRD
16
5
4
3
21
17
15
6
7
8
10
11
12
13
14
ADDRESS
DECODER
32 X 8-BIT
ARRAY
SENSE
AMPL
I/O BUFFERS
ADDRESS
CPU/ROM SYSTEM
RAM SYSTEM
MA0-MA7
MA0-MA7
MA0-MA7
MRD
MWR
CS
CE0
MRD
TPA
BUS0-BUS7
BUS0-BUS7
BUS0-BUS7
TPA
MRD
MWR
DATA
ROM
CPU
CDP1802
RAM
CDP1824
CDP1824, CDP1824C


Similar Part No. - CDP1824EX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1824/3 INTERSIL-CDP1824/3 Datasheet
111Kb / 5P
   High-Reliability CMOS 32-Word x 8-Bit Static Random-Access Memory
CDP18243 INTERSIL-CDP18243 Datasheet
111Kb / 5P
   High-Reliability CMOS 32-Word x 8-Bit Static Random-Access Memory
CDP1824C/3 INTERSIL-CDP1824C/3 Datasheet
111Kb / 5P
   High-Reliability CMOS 32-Word x 8-Bit Static Random-Access Memory
CDP1824CD3 INTERSIL-CDP1824CD3 Datasheet
111Kb / 5P
   High-Reliability CMOS 32-Word x 8-Bit Static Random-Access Memory
CDP1824D3 INTERSIL-CDP1824D3 Datasheet
111Kb / 5P
   High-Reliability CMOS 32-Word x 8-Bit Static Random-Access Memory
More results

Similar Description - CDP1824EX

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55257BPI TOSHIBA-TC55257BPI Datasheet
356Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
   131,072 WORD x 8 BIT STATIC RAM
TC551001AFL TOSHIBA-TC551001AFL Datasheet
297Kb / 10P
   131,072 WORD x 8 BIT STATIC RAM
TC551001CP TOSHIBA-TC551001CP Datasheet
547Kb / 14P
   131,072 WORD x 8 BIT STATIC RAM
TC551001CPI TOSHIBA-TC551001CPI Datasheet
588Kb / 14P
   131,072 WORD x 8 BIT STATIC RAM
TC551001APL TOSHIBA-TC551001APL Datasheet
462Kb / 8P
   131,072 WORD x 8 BIT STATIC RAM
TC55257BPL TOSHIBA-TC55257BPL Datasheet
226Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC55257DPI TOSHIBA-TC55257DPI Datasheet
442Kb / 11P
   32,768 WORD x 8 BIT STATIC RAM
TC551001API TOSHIBA-TC551001API Datasheet
441Kb / 8P
   131,072 WORD x 8 BIT STATIC RAM
TC55257CPI TOSHIBA-TC55257CPI_V01 Datasheet
382Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com