Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1871ACDX Datasheet(PDF) 4 Page - Intersil Corporation

Part # CDP1871ACDX
Description  CMOS Keyboard Encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1871ACDX Datasheet(HTML) 4 Page - Intersil Corporation

  CDP1871ACDX Datasheet HTML 1Page - Intersil Corporation CDP1871ACDX Datasheet HTML 2Page - Intersil Corporation CDP1871ACDX Datasheet HTML 3Page - Intersil Corporation CDP1871ACDX Datasheet HTML 4Page - Intersil Corporation CDP1871ACDX Datasheet HTML 5Page - Intersil Corporation CDP1871ACDX Datasheet HTML 6Page - Intersil Corporation CDP1871ACDX Datasheet HTML 7Page - Intersil Corporation CDP1871ACDX Datasheet HTML 8Page - Intersil Corporation CDP1871ACDX Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4-69
CDP1871A, CDP1871ACCDP1871A, CDP1871AC
Output High Drive (Source)
Current
IOH
4.6
0, 5
5
-0.3
-0.6
-
-0.3
-0.6
-
mA
9.5
0, 10
10
-0.75
-1.5
-
-
-
-
mA
Input Low Voltage
(Except Debounce)
VIL
0.5, 4.5
-
5
-
-
1.5
-
-
1.5
V
1, 9
-
10
-
-
3
-
-
-
V
Input High Voltage
(Except Debounce)
VIH
0.5, 4.5
-
5
3.5
-
-
3.5
-
-
V
1, 9
-
10
7
-
-
-
-
-
V
Debounce Schmitt Trigger
Input Voltage
VD
0.4
-
5
2.0
3.3
4.0
2.0
3.3
4.0
V
Positive Trigger Voltage
0.5
-
10
4.0
6.3
8.0
-
-
-
V
Negative Trigger Voltage
VN
0.4
-
5
0.8
1.8
3.0
0.8
1.8
3.0
V
0.5
-
10
1.9
4.0
6.0
-
-
-
V
Hysteresis
VH
0.4
0, 5
5
0.3
1.6
2.6
0.3
1.6
2.6
V
0.5
0, 10
10
0.7
2.3
4.7
-
-
-
V
Output Voltage Low Level
VOL
-
0, 5
5
-
0
0.05
-
0
0.05
V
-
0, 10
10
-
0
0.05
-
-
-
V
Output Voltage High Level
VOH
-
0, 5
5
4.95
5
-
4.95
5
-
V
-
0, 10
10
9.95
10
-
-
-
-
V
Input Leakage Current
(Except S1-S8, Shift,
Control)
IIN
-
0, 5
5
-
0.01
1
-
0.01
1
µA
-
0, 10
10
-
0.01
1
-
-
-
µA
Three-State Output Leakage
Current
IOUT
0, 5
0, 5
5
-
0.01
1
-
0.02
2
µA
0, 10
0, 10
10
-
0.02
2
-
-
-
µA
Pull-Down Resistor Value
(S1-S8, Shift, Control)
RPD
-
-
-
7
14
24
7
14
24
k
Operating Current
(All Outputs Unloaded)
fCL = 0.4MHz
IOPER
0.5, 4.5
0, 5
5
-
0.6
-
-
0.6
-
mA
fCL = 0.8MHz
1, 9
0, 10
10
-
2.7
-
-
-
-
mA
NOTE:
1. Typical values are for TA = +25
oC and nominal V
DD.
Static Electrical Specifications At TA = -40 to +85oC, Unless Otherwise Specified (Continued)
PARAMETER
CONDITIONS
LIMITS
UNITS
VO
(V)
VIN
(V)
VDD
(V)
CDP1871AD
CDP1871AE
CDP1871ACD
CDP1871ACE
MIN
(NOTE 1)
TYP
MAX
MIN
(NOTE1)
TYP
MAX


Similar Part No. - CDP1871ACDX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1872 INTERSIL-CDP1872 Datasheet
32Kb / 6P
   High-Speed 8-Bit Input and Output Ports
March 1997
CDP1872C INTERSIL-CDP1872C Datasheet
32Kb / 6P
   High-Speed 8-Bit Input and Output Ports
March 1997
CDP1872CE INTERSIL-CDP1872CE Datasheet
32Kb / 6P
   High-Speed 8-Bit Input and Output Ports
March 1997
CDP1874C INTERSIL-CDP1874C Datasheet
32Kb / 6P
   High-Speed 8-Bit Input and Output Ports
March 1997
CDP1874CE INTERSIL-CDP1874CE Datasheet
32Kb / 6P
   High-Speed 8-Bit Input and Output Ports
March 1997
More results

Similar Description - CDP1871ACDX

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
   KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
   KEYBOARD ENCODER
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
   Keyboard Encoder
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
   KEYBOARD ENCODER
EM83055H EMC-EM83055H Datasheet
197Kb / 22P
   KEYBOARD ENCODER
logo
List of Unclassifed Man...
SC83053 ETC-SC83053 Datasheet
483Kb / 27P
   KEYBOARD ENCODER
AY-5-3600 ETC1-AY-5-3600 Datasheet
249Kb / 6P
   Keyboard Encoder
AY53600 ETC1-AY53600 Datasheet
249Kb / 6P
   Keyboard Encoder
logo
ELAN Microelectronics C...
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
   RF KEYBOARD ENCODER
logo
Holtek Semiconductor In...
HT82K28A HOLTEK-HT82K28A Datasheet
143Kb / 20P
   Win98 Keyboard Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com