Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP68HC68T1W Datasheet(PDF) 6 Page - Intersil Corporation

Part # CDP68HC68T1W
Description  CMOS Serial Real-Time Clock With RAM and Power Sense/Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP68HC68T1W Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CDP68HC68T1W Datasheet HTML 2Page - Intersil Corporation CDP68HC68T1W Datasheet HTML 3Page - Intersil Corporation CDP68HC68T1W Datasheet HTML 4Page - Intersil Corporation CDP68HC68T1W Datasheet HTML 5Page - Intersil Corporation CDP68HC68T1W Datasheet HTML 6Page - Intersil Corporation CDP68HC68T1W Datasheet HTML 7Page - Intersil Corporation CDP68HC68T1W Datasheet HTML 8Page - Intersil Corporation CDP68HC68T1W Datasheet HTML 9Page - Intersil Corporation CDP68HC68T1W Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
Programmers Model - Clock Registers
NAME
WRITE/READ REGISTERS
HEX ADDRESS
TENS 0-5
TENS 0-5
12
HR
24
X
PM/AM
TENS 0-2
DB7
XX
X
X
TENS 0-3
TENS 0-1
TENS 0-9
UNITS 0-9
UNITS 0-9
UNITS 0-9
UNITS 1-7
UNITS 0-9
UNITS 0-9
UNITS 0-9
76
5
4
32
1
0
76
5
4
32
1
0
WRITE ONLY REGISTERS
TENS 0-5
TENS 0-5
UNITS 0-9
UNITS 0-9
UNITS 0-9
PM/AM
TENS 0-2
XX
76
5
4
3
2
1
0
DB0
SECONDS (00-59)
MINUTES (00-59)
DB7, 1 = 12 HR., 0 = 24 HR.
DB = 1 PM, 0 = AM
HOURS (01-12 OR 00-23
DATE
DAY OF MONTH
MONTH (01-12) JAN = 1
DEC = 12
YEARS (00-99)
CONTROL
INTERRUPT
ALARM SECONDS (00-59)
ALARM MINUTES (00-59)
ALARM HOURS (01-12 OR 00-23)
PLUS AM/PM IN 12 HR. MODE
PM = 1, AM = 0
READ ONLY REGISTERS
STATUS
76
5
4
3
2
1
0
BIT
HEX ADDRESS 00-1F
20
21
22
23
24
25
26
31
32
28
29
2A
30
RAM DATA BYTE
01-28
29
30
31
NOTE: X = Don’t care writes, X = 0 when read.
X
DAY OF WK (01-07) SUNDAY = 1
D7
D6
D5
D4
D3
D2
D1
D0
CDP68HC68T1


Similar Part No. - CDP68HC68T1W

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP68HC68T1 INTERSIL-CDP68HC68T1 Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
CDP68HC68T1 INTERSIL-CDP68HC68T1 Datasheet
400Kb / 23P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Renesas Technology Corp
CDP68HC68T1 RENESAS-CDP68HC68T1 Datasheet
1Mb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Intersil Corporation
CDP68HC68T1E INTERSIL-CDP68HC68T1E Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
CDP68HC68T1E INTERSIL-CDP68HC68T1E Datasheet
400Kb / 23P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
More results

Similar Description - CDP68HC68T1W

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP68HC68T1 INTERSIL-CDP68HC68T1_07 Datasheet
400Kb / 23P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
CDP68HC68T1 INTERSIL-CDP68HC68T1_06 Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Renesas Technology Corp
CDP68HC68T1 RENESAS-CDP68HC68T1 Datasheet
1Mb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
logo
Motorola, Inc
MC68HC68T1 MOTOROLA-MC68HC68T1 Datasheet
342Kb / 26P
   Real-Time Clock plus RAM with Serial Interface
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
logo
RICOH electronics devic...
RP5C01A RICOH-RP5C01A Datasheet
124Kb / 10P
   REAL-TIME CLOCK WITH INTERNAL RAM
logo
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
   Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
   Serial real-time clock
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
   Serial real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com