Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT849 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FZT849
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FZT849 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FZT849_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FZT849_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FZT849_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
FZT849 (KZT849)
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
80
Collector- emitter breakdown voltage
VCER
Ic= 1 uA, RB ≤ 1KΩ
80
Collector- emitter breakdown voltage
VCEO
Ic= 10 mA, IB= 0
30
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
6
VCB= 70 V , IE= 0
0.05
nA
VCB= 70 V , IE= 0 , Ta = 100℃
1
uA
VCB= 70 V , IE= 0
50
nA
VCB= 70 V , IE= 0 , Ta = 100℃
1
uA
Emitter cut-off current
IEBO
VEB= 6V , IC=0
10
nA
IC=500mA, IB=20mA
(Note.1)
50
IC=1 A, IB=20mA
(Note.1)
110
IC=2 A, IB=20mA
(Note.1)
214
IC=6.5 A, IB=300mA
(Note.1)
350
Base - emitter saturation voltage
VBE(sat) IC=6.5 A, IB=300mA
(Note.1)
1.2
Base - emitter turn-on voltage
VBE(on) VCE= 1V, IC= 6.5A (Note.1)
1.13
hFE(1)
VCE= 1V, IC= 10mA
100
hFE(2)
VCE= 1V, IC= 1 A
100
300
hFE(3)
VCE= 1V, IC= 7 A
100
hFE(4)
VCE= 2V, IC= 20 A
30
ton
45
toff
630
Collector output capacitance
Cob
VCB= 10V, f=1MHz (Note.1)
75
pF
Transition frequency
fT
VCE= 10V, IC= 100mA,f=50MHz
100
MHz
mV
V
Switching Times
IC=1 A, VCC=10V
IB1=100mA, IB2=100mA
ns
DC current gain
(Note.1)
V
Collector-base cut-off current
ICBO
Collector-emitter cut-off current
( R ≤ 1KΩ)
ICER
Collector-emitter saturation voltage
VCE(sat)
Note.1:Pulse Width=300us. Duty cycle ≤2%


Similar Part No. - FZT849_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT849 DIODES-FZT849_15 Datasheet
72Kb / 3P
   ELECTRICAL CHARACTERISTICS
More results

Similar Description - FZT849_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com