Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG303A Datasheet(PDF) 6 Page - Intersil Corporation

Part # DG303A
Description  TTL-Compatible, CMOS Analog Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG303A Datasheet(HTML) 6 Page - Intersil Corporation

  DG303A Datasheet HTML 1Page - Intersil Corporation DG303A Datasheet HTML 2Page - Intersil Corporation DG303A Datasheet HTML 3Page - Intersil Corporation DG303A Datasheet HTML 4Page - Intersil Corporation DG303A Datasheet HTML 5Page - Intersil Corporation DG303A Datasheet HTML 6Page - Intersil Corporation DG303A Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4-6
FIGURE 3. tON and tOFF TEST CIRCUIT AND MEASUREMENT POINTS
Test Circuits and Waveforms (Continued)
LOGIC “1” = SWITCH ON
50%
90%
0V
tOFF
LOGIC
INPUT
SWITCH
OUTPUT
VS
0V
tON
tr < 20ns
tf < 20ns
10%
VO
S
IN
LOGIC
INPUT
GND
VS = 3V
RL
300
k
CL
33pF
SWITCH
OUTPUT
+15V
V+
-15V
V-
D
SWITCH
INPUT
5V
DG300A, DG301A, DG303A


Similar Part No. - DG303A

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG303A TEMIC-DG303A Datasheet
97Kb / 10P
   CMOS Analog Switches
logo
Intersil Corporation
DG303A INTERSIL-DG303A Datasheet
308Kb / 7P
   TTL-Compatible, CMOS Analog Switches
logo
TEMIC Semiconductors
DG303AAK TEMIC-DG303AAK Datasheet
97Kb / 10P
   CMOS Analog Switches
logo
Intersil Corporation
DG303AAK INTERSIL-DG303AAK Datasheet
308Kb / 7P
   TTL-Compatible, CMOS Analog Switches
logo
TEMIC Semiconductors
DG303AAK/883 TEMIC-DG303AAK/883 Datasheet
97Kb / 10P
   CMOS Analog Switches
More results

Similar Description - DG303A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG300 MAXIM-DG300 Datasheet
389Kb / 10P
   TTL Compatible CMOS Analog Switches
Rev 1; 6/99
DG304567 MAXIM-DG304567 Datasheet
28Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0058 Rev. B
DG301303 MAXIM-DG301303 Datasheet
33Kb / 5P
   TTL COMPATIBLE CMOS ANALOG SWITCHES
19-0054 Rev. C
DG300 MAXIM-DG300_V01 Datasheet
336Kb / 11P
   TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
DG300A MAXIM-DG300A_V01 Datasheet
336Kb / 11P
   TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
logo
Intersil Corporation
DG300A INTERSIL-DG300A_01 Datasheet
308Kb / 7P
   TTL-Compatible, CMOS Analog Switches
logo
Maxim Integrated Produc...
DG381479 MAXIM-DG381479 Datasheet
28Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0059 Rev. B
DG30809 MAXIM-DG30809 Datasheet
25Kb / 4P
   QUAD, SPST, CMOS, TTL-Compatible Analog Switches
19-0060Rev. B
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
logo
National Semiconductor ...
AH0014 NSC-AH0014 Datasheet
140Kb / 6P
   Dual DPST-TTL/DTL Compatible MOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com