Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1668-Y Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KTA1668-Y
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTA1668-Y Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  KTA1668-Y Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KTA1668-Y Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KTA1668-Y Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
PNP Transistors
KTA1668
Typical Characterisitics
0
0
AMBIENT TEMPERATURE Ta ( C)
C
P
- Ta
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
-0.5 -1
-3
-10
-0.01
-30
-100
-5
-50
-0.005
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
-5
ICP
C
I
MAX.
DC
OPERATION
1se
c
20
40
60
80
100 120 140 160
200
400
600
800
1k
1.2k
1PULSE
Mounted on ceramic
substrate
(250mm
0.8t)
Ta=25
C
(1)
(2)
(1)
(2)


Similar Part No. - KTA1668-Y

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTA1668-Y KEXIN-KTA1668-Y Datasheet
646Kb / 3P
   PNP Transistors
More results

Similar Description - KTA1668-Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com