Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG506AAK Datasheet(PDF) 5 Page - Intersil Corporation

Part # DG506AAK
Description  CMOS Analog Multiplexers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG506AAK Datasheet(HTML) 5 Page - Intersil Corporation

  DG506AAK Datasheet HTML 1Page - Intersil Corporation DG506AAK Datasheet HTML 2Page - Intersil Corporation DG506AAK Datasheet HTML 3Page - Intersil Corporation DG506AAK Datasheet HTML 4Page - Intersil Corporation DG506AAK Datasheet HTML 5Page - Intersil Corporation DG506AAK Datasheet HTML 6Page - Intersil Corporation DG506AAK Datasheet HTML 7Page - Intersil Corporation DG506AAK Datasheet HTML 8Page - Intersil Corporation DG506AAK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range,
VANALOG
(Note 7)
-15
-
+15
-15
-
+15
V
Drain-Source ON
Resistance, rDS(ON)
Sequence Each
Switch ON
VAL =0.8V
VAH =2.4V
IS =-200µA, VD = +10V
-
270
400
-
270
450
IS =-200µA, VD = -10V
-
230
400
-
230
450
rDS(ON) Matching
Between Channels
-10V
≤ VS ≤ +10V
-
6
-
-
6
-
%
Source OFF Leakage
Current, IS(OFF)
VEN =0V
VS =+10V, VD = -10V
-1
0.002
1
-5
0.002
5
nA
VS =-10V, VD = +10V
-1
-0.005
1
-5
-0.005
5
nA
Drain OFF Leakage
Current, ID(OFF)
VEN =0V
DG506A
VS =-10V, VD = +10V
-10
0.02
10
-20
0.02
20
nA
VS =+10V, VD = -10V
-10
-0.03
10
-20
-0.03
20
nA
DG507A
VS =-10V, VD = +10V
-5
0.007
5
-10
0.007
10
nA
VS =+10V, VD = -10V
-5
-0.015
5
-10
-0.015
10
nA
DG509A
VS =-10V, VD = +10V
-
0.005
10
-
0.005
20
nA
VS =+10V, VD = -10V
-10
-0.008
-
-20
-0.008
-
nA
Drain ON Leakage Current,
ID(ON)
(Note 6)
Sequence Each
Switch ON
VAL =0.8V
VAH =2.4V
DG506A
VD =VS(ALL) = +10V
-10
0.03
10
-20
0.03
20
nA
VD =VS(ALL) = -10V
-10
-0.06
10
-20
-0.06
20
nA
DG507A
VD =VS(ALL) = +10V
-5
0.015
5
-10
0.015
10
nA
VD =VS(ALL) = -10V
-5
-0.03
5
-10
-0.03
10
nA
DG509A
VD =VS(ALL) = +10V
-
0.007
10
-
0.007
20
nA
VD =VS(ALL) = -10V
-10
-0.015
-
-20
-0.015
-
nA
POWER SUPPLY CHARACTERISTICS
Positive Supply Current,
I+
VEN =5.0V, VA =0V
(Enabled)
-
1.3
2.4
-
1.3
2.4
mA
Negative Supply Current,
I-
-1.5
-0.7
-
-1.5
-0.7
-
mA
Positive Supply Current,
I+ Standby
VEN =0V, VA =0V
(Standby)
-
1.3
2.4
-
1.3
2.4
mA
Negative Supply Current,
I- Standby
-1.5
-0.7
-
-1.5
-0.7
-
mA
Electrical Specifications
TA =25
oC, V+ = +15V, V- = -15V, GND = 0V, V
EN = 2.4V, Unless Otherwise Specified
(Continued)
PARAMETER
TEST CONDITIONS
“A” SUFFIX
“B” AND “C” SUFFIX
UNITS
(NOTE 4)
MIN
(NOTE 3)
TYP
(NOTE 4)
MAX
(NOTE 4)
MIN
(NOTE 3)
TYP
(NOTE 4)
MAX
∆r
DS ON
()
r
DS(ON)MAX
r
DS ON
()MIN
r
DS ON
()AVG
-----------------------------------------------------------------------
=
DG506A, DG507A, DG509A


Similar Part No. - DG506AAK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG506AAK MAXIM-DG506AAK Datasheet
196Kb / 6P
   Monolithic CMOS Analog Multiplexers
logo
Vishay Siliconix
DG506AAK VISHAY-DG506AAK Datasheet
93Kb / 8P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
Rev. D, 21-Feb-00
logo
Intersil Corporation
DG506AAK INTERSIL-DG506AAK Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG506AAK MAXIM-DG506AAK Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG506AAK MAXIM-DG506AAK Datasheet
1Mb / 10P
   Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
More results

Similar Description - DG506AAK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A_07 Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_12 Datasheet
1Mb / 10P
   Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
logo
Intersil Corporation
DG526 INTERSIL-DG526 Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
logo
Texas Instruments
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_10 Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG508A MAXIM-DG508A_10 Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
logo
Intersil Corporation
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com