Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPB1005K-E1 Datasheet(PDF) 9 Page - NEC

Part # UPB1005K-E1
Description  REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1005K-E1 Datasheet(HTML) 9 Page - NEC

Back Button UPB1005K-E1 Datasheet HTML 5Page - NEC UPB1005K-E1 Datasheet HTML 6Page - NEC UPB1005K-E1 Datasheet HTML 7Page - NEC UPB1005K-E1 Datasheet HTML 8Page - NEC UPB1005K-E1 Datasheet HTML 9Page - NEC UPB1005K-E1 Datasheet HTML 10Page - NEC UPB1005K-E1 Datasheet HTML 11Page - NEC UPB1005K-E1 Datasheet HTML 12Page - NEC UPB1005K-E1 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Preliminary Data Sheet P14016EJ1V0DS00
9
µµµµPB1005K
Pin
No.
Pin Name
Applied
Voltage
(V)
Pin
Voltage
(V)
Function and Application
Internal Equivalent Circuit
28
IF-MIXout
1.15
Output pin from IF mixer.
IF mixer output signal goes
through gain control amplifier
before this emitter follower
output port.
29
N.C.

Non connection
30
VGC (IF-MIX)
0 to 3.3
Gain control voltage pin of IF
mixer output amplifier. This
voltage performs forward control
(VGC up
→ Gain down).
31
VCC (IF-MIX)
2.7 to 3.3
Supply voltage pin of IF mixer,
gain control amplifier and
emitter follower transistor.
32
N.C.

Non connection
33
IF-MIXin
2.00
Input pin of IF mixer.
34
GND (IF-MIX)
0
Ground pin of IF mixer.
28
31
33
34
30
2nd
LO
Caution
Ground pattern on the board must be formed as wide as possible to minimize ground
impedance.


Similar Part No. - UPB1005K-E1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPB1005K RENESAS-UPB1005K Datasheet
510Kb / 29P
   BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2002
UPB1005K RENESAS-UPB1005K Datasheet
367Kb / 27P
   BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2003
More results

Similar Description - UPB1005K-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1005GS NEC-UPB1005GS Datasheet
164Kb / 9P
   REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
logo
Infineon Technologies A...
PMB2347 INFINEON-PMB2347 Datasheet
578Kb / 35P
   RF/IF Double PLL Frequency Synthesizer
Version 1.1 August 1999
logo
Fujitsu Component Limit...
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
MB15C103 FUJITSU-MB15C103 Datasheet
150Kb / 16P
   IF Band PLL Frequency Synthesizer
MB15C101 FUJITSU-MB15C101 Datasheet
151Kb / 17P
   IF Band PLL Frequency Synthesizer
logo
Infineon Technologies A...
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
   Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
Motorola, Inc
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
   FLEX Paging RF/IF Frequency Synthesizer Receiver
logo
National Semiconductor ...
LMX2364 NSC-LMX2364 Datasheet
694Kb / 39P
   2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
logo
Analog Devices
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210 AD-ADF4210 Datasheet
251Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com